Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7660 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7660
Description  16-Bit, 100 kSPS CMOS ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7660 Datasheet(HTML) 2 Page - Analog Devices

  AD7660 Datasheet HTML 1Page - Analog Devices AD7660 Datasheet HTML 2Page - Analog Devices AD7660 Datasheet HTML 3Page - Analog Devices AD7660 Datasheet HTML 4Page - Analog Devices AD7660 Datasheet HTML 5Page - Analog Devices AD7660 Datasheet HTML 6Page - Analog Devices AD7660 Datasheet HTML 7Page - Analog Devices AD7660 Datasheet HTML 8Page - Analog Devices AD7660 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD7660–SPECIFICATIONS(–40 C to +85 C,AVDD=DVDD= 5V,OVDD=2.7 V to 5.25 V, unless otherwise noted.)
REV. 0
–2–
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
VIN – VINGND
0VREF
V
Operating Input Voltage
VIN
–0.1
+3
V
VINGND
–0.1
+0.5
V
Analog Input CMRR
fIN = 25 kHz
70
dB
Leakage Current at 25
°C
100 kSPS Throughput
325
nA
Input Impedance
See Analog Input Section
THROUGHPUT SPEED
Complete Cycle
10
µs
Throughput Rate
0
100
kSPS
DC ACCURACY
Integral Linearity Error
–3
+3
LSB
1
Differential Linearity Error
–1
+1.75
LSB
No Missing Codes
16
Bits
Transition Noise
2
0.75
LSB
Full-Scale Error
3
REF = 2.5 V
±0.09
±0.16
% of FSR
Unipolar Zero Error
3
± 1
± 5
LSB
Power Supply Sensitivity
AVDD = 5 V
± 5%
± 3
LSB
AC ACCURACY
Signal-to-Noise
fIN = 10 kHz
87
90
dB
4
Spurious Free Dynamic Range
fIN = 10 kHz
96
dB
Total Harmonic Distortion
fIN = 10 kHz
–96
dB
Signal-to-(Noise+Distortion)
fIN = 10 kHz
87
dB
–60 dB Input
30
dB
–3 dB Input Bandwidth
820
kHz
SAMPLING DYNAMICS
Aperture Delay
2ns
Aperture Jitter
5
ps rms
Transient Response
Full-Scale Step
8
µs
REFERENCE
External Reference Voltage Range
2.3
2.5
2.7
V
External Reference Current Drain
100 kSPS Throughput
22
µA
POWER SUPPLIES
Specified Performance
AVDD
4.75
5
5.25
V
DVDD
4.75
5
5.25
V
OVDD
2.7
5.25
V
Operating Current
100 kSPS Throughput
AVDD
3.2
mA
DVDD
5
1mA
OVDD
5
10
µA
Power Dissipation
5
100 kSPS Throughput
21
25
mW
100 SPS Throughput
21
µW
in Power-Down Mode
5, 6
7
µW
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
V
VIH
+2.0
OVDD + 0.3
V
IIL
–1
+1
µA
IIH
–1
+1
µA
DIGITAL OUTPUTS
Data Format
Parallel or Serial 16-Bit
Pipeline Delay
Conversion Results Available Immediately
after Completed Conversion
VOL
ISINK = 1.6 mA
0.4
V
VOH
ISOURCE = –500
µA
OVDD – 0.6
V
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
–40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com