Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7660AST Datasheet(PDF) 9 Page - Analog Devices

Part # AD7660AST
Description  16-Bit, 100 kSPS CMOS ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7660AST Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7660AST Datasheet HTML 5Page - Analog Devices AD7660AST Datasheet HTML 6Page - Analog Devices AD7660AST Datasheet HTML 7Page - Analog Devices AD7660AST Datasheet HTML 8Page - Analog Devices AD7660AST Datasheet HTML 9Page - Analog Devices AD7660AST Datasheet HTML 10Page - Analog Devices AD7660AST Datasheet HTML 11Page - Analog Devices AD7660AST Datasheet HTML 12Page - Analog Devices AD7660AST Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. 0
AD7660
–9–
FREQUENCY – kHz
–180
0
10
20
30
40
–140
–100
–60
0
50
4096 POINT FFT
FS = 100kHz
fIN = 10.02kHz, –0.5dB
SNR = 89.8dB
SINAD = 89.4dB
THD = –99.3dB
SFDR = 101.6dB
–160
–120
–80
–40
–20
TPC 7. FFT Plot
FREQUENCY – Hz
–110
0
10k
–100
–90
–80
–70
–60
100k
1M
SFDR
THD
3RD HARMONIC
2ND HARMONIC
60
70
80
90
100
110
TPC 8. THD, Harmonics, and SFDR vs. Frequency
INPUT LEVEL – dB
–90
–140
–120
–80
–60
–100
–80
–70
–60
–50
–40
–30
–20
–10
0
2ND HARMONIC
THD
3RD HARMONIC
TPC 9. THD, Harmonics vs. Input Level
FREQUENCY – Hz
75
0
10k
80
85
90
95
100
100k
1M
SNR
S/(N+D)
13.0
70
13.5
14.0
14.5
15.0
15.5
16.0
ENOB
TPC 10. SNR, S/(N+D), and ENOB vs. Frequency
INPUT LEVEL – dB
86
88
92
90
–60
–50
–40
–30
–20
–10
0
TPC 11. SNR vs. Input Level
CL – pF
50
40
050
30
20
10
0
100
150
200
OVDD = 2.7V, 85 C
OVDD = 5V, 85 C
OVDD = 2.7V, 25 C
OVDD = 5V, 25 C
TPC 12. Typical Delay vs. Load Capacitance CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com