Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7660AST Datasheet(PDF) 15 Page - Analog Devices

Part # AD7660AST
Description  16-Bit, 100 kSPS CMOS ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7660AST Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7660AST Datasheet HTML 11Page - Analog Devices AD7660AST Datasheet HTML 12Page - Analog Devices AD7660AST Datasheet HTML 13Page - Analog Devices AD7660AST Datasheet HTML 14Page - Analog Devices AD7660AST Datasheet HTML 15Page - Analog Devices AD7660AST Datasheet HTML 16Page - Analog Devices AD7660AST Datasheet HTML 17Page - Analog Devices AD7660AST Datasheet HTML 18Page - Analog Devices AD7660AST Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. 0
AD7660
–15–
PARALLEL INTERFACE
The AD7660 is configured to use the parallel interface when the
SER/
PAR is held low. The data can be read either after each
conversion, which is during the next acquisition phase, or during
the following conversion as shown, respectively, in Figure 14 and
Figure 15. When the data is read during the conversion, how-
ever, it is recommended, that it is read only during the first half
of the conversion phase. That avoids any potential feedthrough
between voltage transients on the digital interface and the most
critical analog conversion circuitry.
SERIAL INTERFACE
The AD7660 is configured to use the serial interface when the
SER/
PAR is held high. The AD7660 outputs 16 bits of data,
MSB first, on the SDOUT pin. This data is synchronized with
the 16 clock pulses provided on the SCLK pin.
t1
t3
t4
t11
CNVST
BUSY
DATA BUS
CS = RD = 0
t10
PREVIOUS CONVERSION DATA
NEW DATA
Figure 13. Master Parallel Data Timing for Reading (Continuous Read)
CURRENT
CONVERSION
BUSY
DATA BUS
CS
RD
t12
t13
Figure 14. Slave Parallel Data Timing for Reading (Read after Convert)
PREVIOUS
CONVERSION
t1
t3
t12
t13
t4
CS = 0
CNVST, RD
BUSY
DATA BUS
Figure 15. Slave Parallel Data Timing for Reading (Read During Convert)
MASTER SERIAL INTERFACE
Internal Clock
The AD7660 is configured to generate and provide the serial
data clock SCLK when the EXT/
INT pin is held low. The AD7660
also generates a SYNC signal to indicate to the host when the
serial data is valid. The serial clock SCLK and the SYNC signal
can be inverted if desired. The output data is valid on both the
rising and falling edge of the data clock. Depending on RDC/
SDIN input, the data can be read after each conversion, or
during the following conversion. Figure 16 and Figure 17 show
the detailed timing diagrams of these two modes.
Usually, because the AD7660 has a longer acquisition phase
than the conversion phase, the data is read immediately after
conversion. That makes the mode master, read after conver-
sion, the most recommended serial mode when it can be used.
In read-after-conversion mode, it should be noted that, unlike
in other modes, the signal BUSY returns low after the 16 data
bits are pulsed out and not at the end of the conversion phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com