Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7664AST Datasheet(PDF) 8 Page - Analog Devices

Part # AD7664AST
Description  16-Bit, 570 kSPS CMOS ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7664AST Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7664AST Datasheet HTML 4Page - Analog Devices AD7664AST Datasheet HTML 5Page - Analog Devices AD7664AST Datasheet HTML 6Page - Analog Devices AD7664AST Datasheet HTML 7Page - Analog Devices AD7664AST Datasheet HTML 8Page - Analog Devices AD7664AST Datasheet HTML 9Page - Analog Devices AD7664AST Datasheet HTML 10Page - Analog Devices AD7664AST Datasheet HTML 11Page - Analog Devices AD7664AST Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
REV. 0
AD7664
–8–
–Typical Performance Characteristics
2.5
CODE
65536
1.5
0
–1.5
–2.5
49152
32768
16384
0
1.0
–0.5
–2.0
2.0
0.5
–1.0
TPC 1. Integral Nonlinearity vs. Code
8000
7F86
CODE – Hexa
7F87
7F8F
7F8E
7F8D
7F8C
7F8B
7F8A
7F89
7F88
7000
6000
5000
4000
3000
2000
1000
0
753
7288 7148
1173
10
0
0
12
0
0
TPC 2. Histogram of 16,384 Conversions of a DC Input
at the Code Transition
0
0
50
100
150
200
250
300
FREQUENCY – kHz
–20
–40
–60
–80
–100
–120
–140
–160
–180
4096 POINT FFT
fS = 570kHz
fIN = 10.39kHz, –0.5dB
SNR = 90.1dB
SINAD = 89.6dB
THD = –98.7dB
SFDR = 100.3dB
TPC 3. FFT Plot
1.50
CODE
65536
1.00
0.25
–0.50
–1.00
49152
32768
16384
0
0.75
0
–0.75
1.25
0.50
–0.25
TPC 4. Differential Nonlinearity vs. Code
10000
7FB3
CODE – Hexa
7FB4
7FBB
7FBA
7FB9
7FB8
7FB7
7FB6
7FB5
8000
6000
5000
4000
3000
2000
1000
0
3340
9008
3643
257
00
136
0
0
9000
7000
TPC 5. Histogram of 16,384 Conversions of a DC Input
at the Code Center
96
–55
TEMPERATURE – C
–35
125
105
85
65
45
25
5
–15
93
90
87
84
–96
–98
–100
–102
–104
THD
SNR
TPC 6. SNR, THD vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com