Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7664AST Datasheet(PDF) 18 Page - Analog Devices

Part # AD7664AST
Description  16-Bit, 570 kSPS CMOS ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7664AST Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7664AST Datasheet HTML 11Page - Analog Devices AD7664AST Datasheet HTML 12Page - Analog Devices AD7664AST Datasheet HTML 13Page - Analog Devices AD7664AST Datasheet HTML 14Page - Analog Devices AD7664AST Datasheet HTML 15Page - Analog Devices AD7664AST Datasheet HTML 16Page - Analog Devices AD7664AST Datasheet HTML 17Page - Analog Devices AD7664AST Datasheet HTML 18Page - Analog Devices AD7664AST Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
REV. 0
AD7664
–18–
APPLICATION HINTS
Bipolar and Wider Input Ranges
In some applications, it is desired to use a bipolar or wider ana-
log input range like, for instance,
±10 V, ±5 V or 0 V to 5 V.
Although the AD7664 has only one unipolar range, by simple
modifications of the input driver circuitry, bipolar and wider
input ranges can be used without any performance degradation.
Figure 23 shows a connection diagram which allows that. Com-
ponents values required and resulting full-scale ranges are shown in
Table II.
For applications where accurate gain and offset are desired, they
can be calibrated by acquiring a ground and a voltage reference
using an analog multiplexer, U2, as shown in Figure 23. Also,
CF can be used as a one-pole antialiasing filter.
Layout
The AD7664 has very good immunity to noise on the power
supplies as can be seen in Figure 9. However, care should still
be taken with regard to grounding layout.
The printed circuit board that houses the AD7664 should be
designed so the analog and digital sections are separated and
confined to certain areas of the board. This facilitates the use of
ground planes that can be easily separated. Digital and analog
ground planes should be joined in only one place, preferably
underneath the AD7664, or, at least, as close as possible to the
AD7664. If the AD7664 is in a system where multiple devices
require analog-to-digital ground connections, the connection
should still be made at one point only, a star ground point,
which should be established as close as possible to the AD7664.
It is recommended to avoid running digital lines under the
device as these will couple noise onto the die. The analog ground
plane should be allowed to run under the AD7664 to avoid noise
coupling. Fast switching signals like
CNVST or clocks should be
shielded with digital ground to avoid radiating noise to other
sections of the board, and should never run near analog signal
paths. Crossover of digital and analog signals should be avoided.
Traces on different but close layers of the board should run at right
angles to each other. This will reduce the effect of feedthrough
through the board.
The power supplies lines to the AD7664 should use as large trace
as possible to provide low impedance paths and reduce the effect
of glitches on the power supplies lines. Good decoupling is also
important to lower the supplies impedance presented to the
AD7664 and reduce the magnitude of the supply spikes. Decou-
pling ceramic capacitors, typically 100 nF, should be placed on
each power supplies pins AVDD, DVDD, and OVDD close to,
and ideally right up against, these pins and their corresponding
ground pins. Additionally, low ESR 10
µF capacitors should be
located in the vicinity of the ADC to further reduce low frequency
ripple.
The DVDD supply of the AD7664 can be either a separate supply
or come from the analog supply AVDD or the digital interface
supply OVDD. When the system digital supply is noisy, or fast
switching digital signals are present, it is recommended that if no
separate supply available, connect the DVDD digital supply to
the analog supply, AVDD, through an RC filter as shown in
Figure 5, and connect the system supply to the interface digital
supply, OVDD, and the remaining digital circuitry. When DVDD
is powered from the system supply, it is useful to insert a bead
to further reduce high-frequency spikes.
U1
2.5V REF
ANALOG
INPUT
R2
R3
R4
100nF
R1
CF
U2
CREF
IN
INGND
REF
REFGND
100nF
AD7664
Figure 23. Using the AD7664 in 16-Bit Bipolar and/or
Wider Input Ranges
Table II. Component Values and Input Ranges
Input Range
R1
R2
R3
R4
±10 V
250
Ω
2 k
Ω
10 k
Ω
8 k
Ω
±5 V
500
Ω
2 k
Ω
10 k
Ω
6.67 k
Ω
0 V to –5 V
1 k
Ω
1 k
Ω
None
0
Ω
The AD7664 has five different ground pins: INGND, REFGND,
AGND, DGND, and OGND. INGND is used to sense the ana-
log input signal. REFGND senses the reference voltage and
should be a low impedance return to the reference because it
carries pulsed currents. AGND is the ground to which most
internal ADC analog signals are referenced. This ground must
be connected with the least resistance to the analog ground
plane. DGND must be tied to the analog or digital ground plane
depending on the configuration. OGND is connected to the
digital system ground.
Evaluating the AD7664 Performance
A recommended layout for the AD7664 is outlined in the
evaluation board for the AD7664. The evaluation board pack-
age includes a fully assembled and tested evaluation board,
documentation, and software for controlling the board from a
PC via the Eval-Control Board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com