Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD768AR Datasheet(PDF) 1 Page - Analog Devices

Part # AD768AR
Description  16-Bit, 30 MSPS D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD768AR Datasheet(HTML) 1 Page - Analog Devices

  AD768AR Datasheet HTML 1Page - Analog Devices AD768AR Datasheet HTML 2Page - Analog Devices AD768AR Datasheet HTML 3Page - Analog Devices AD768AR Datasheet HTML 4Page - Analog Devices AD768AR Datasheet HTML 5Page - Analog Devices AD768AR Datasheet HTML 6Page - Analog Devices AD768AR Datasheet HTML 7Page - Analog Devices AD768AR Datasheet HTML 8Page - Analog Devices AD768AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FUNCTIONAL BLOCK DIAGRAM
(MSB)
DB15
DB0
(LSB)
CLOCK
NC
REFCOM REFOUT
IREFIN
NR
VEE
LADCOM
IOUTB
IOUTA
DCOM
VDD
MSBs: SEGMENTED
CURRENT SOURCES
AND SWITCHES
MSB
DECODER
AND
EDGE-
TRIGGERED
BIT
LATCHES
LSBs:
CURRENT SOURCES,
SWITCHES, AND
1k
Ω R-2R
LADDERS
AD768
CONTROL
AMP
2.5V
BANDGAP
REFERENCE
1k
1k
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
FEATURES
30 MSPS Update Rate
16-Bit Resolution
Linearity: 1/2 LSB DNL @ 14 Bits
1 LSB INL @ 14 Bits
Fast Settling: 25 ns Full-Scale Settling to 0.025%
SFDR @ 1 MHz Output: 86 dBc
THD @ 1 MHz Output: 71 dBc
Low Glitch Impulse: 35 pV-s
Power Dissipation: 465 mW
On-Chip 2.5 V Reference
Edge-Triggered Latches
Multiplying Reference Capability
APPLICATIONS
Arbitrary Waveform Generation
Communications Waveform Reconstruction
Vector Stroke Display
16-Bit, 30 MSPS
D/A Converter
AD768
PRODUCT DESCRIPTION
The AD768 is a 16-bit, high speed digital-to-analog converter
(DAC) that offers exceptional ac and dc performance. The
AD768 is manufactured on ADI’s Advanced Bipolar CMOS
(ABCMOS) process, combining the speed of bipolar transistors,
the accuracy of laser-trimmable thin film resistors, and the effi-
ciency of CMOS logic. A segmented current source architecture
is combined with a proprietary switching technique to reduce
glitch energy and maximize dynamic accuracy. Edge triggered
input latches and a temperature compensated bandgap reference
have been integrated to provide a complete monolithic DAC
solution.
The AD768 is a current-output DAC with a nominal full-scale
output current of 20 mA and a 1 k
Ω output impedance. Differ-
ential current outputs are provided to support single-ended
or differential applications. The current outputs may be tied
directly to an output resistor to provide a voltage output, or fed
to the summing junction of a high speed amplifier to provide a
buffered voltage output. Also, the differential outputs may be
interfaced to a transformer or differential amplifier.
The on-chip reference and control amplifier are configured for
maximum accuracy and flexibility. The AD768 can be driven by
the on-chip reference or by a variety of external reference volt-
ages based on the selection of an external resistor. An external
capacitor allows the user to optimally trade off reference band-
width and noise performance.
The AD768 operates on
±5 V supplies, typically consuming
465 mW of power. The AD768 is available in a 28-pin SOIC
package and is specified for operation over the industrial tem-
perature range.
PRODUCT HIGHLIGHTS
1. The low glitch and fast settling time provide outstanding
dynamic performance for waveform reconstruction or digital
synthesis requirements, including communications.
2. The excellent dc accuracy of the AD768 makes it suitable for
high speed A/D conversion applications.
3. On-chip, edge-triggered input CMOS latches interface
readily to CMOS logic families. The AD768 can support up-
date rates up to 40 MSPS.
4. A temperature compensated, 2.5 V bandgap reference is
included on-chip allowing for generation of the reference
input current with the use of a single external resistor. An ex-
ternal reference may also be used.
5. The current output(s) of the AD768 may be used singly or
differentially, either into a load resistor, external op amp
summing junction or transformer.
6. Proper selection of an external resistor and compensation
capacitor allow the performance-conscious user to optimize
the AD768 reference level and bandwidth for the target
application.
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703


Similar Part No. - AD768AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD768AR AD-AD768AR Datasheet
252Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV. B
AD768ARZ AD-AD768ARZ Datasheet
252Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV. B
More results

Similar Description - AD768AR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7853 FAIRCHILD-SPT7853 Datasheet
70Kb / 10P
TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
logo
Analog Devices
AD9726 AD-AD9726 Datasheet
613Kb / 24P
16-Bit, 600 MSPS D/A Converter
11/05-Rev. 0 to Rev. A
AD10678 AD-AD10678 Datasheet
673Kb / 10P
16-Bit, 80 MSPS A/D Converter
12/03-Data sheet changed from REV. 0 to REV.A
AD10677 AD-AD10677 Datasheet
643Kb / 10P
16-Bit, 65 MSPS A/D Converter
12/03-Data sheet changed from REV. A to REV.B
logo
Intersil Corporation
HI-5701883 INTERSIL-HI-5701883 Datasheet
61Kb / 8P
6-Bit, 30 MSPS Flash A/D Converter
June 1994
logo
Cadeka Microcircuits LL...
SPT7853 CADEKA-SPT7853 Datasheet
175Kb / 10P
TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
logo
Analog Devices
AD768ARZ AD-AD768ARZ Datasheet
252Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV. B
AD768 AD-AD768_15 Datasheet
337Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV. B
AD10677 AD-AD10677_15 Datasheet
625Kb / 20P
16-Bit, 65 MSPS A/D Converter
Rev. D
AD10678 AD-AD10678_15 Datasheet
677Kb / 20P
16-Bit, 80 MSPS A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com