Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMPE Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # AMPE
Description  Metallized Polyester Film Capacitors - AC use
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

AMPE Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  AMPE Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in millimeters (mm)
RV
160VAC
250VAC
RV
160VAC
250VAC
DIM.
CAP(
μF)
W
H
T
P
dØ
W
H
T
P
dØ
DIM.
CAP(
μF)
W
H
T
P
dØ
W
H
T
P
dØ
0. 01
12.5
10.5
6.0
8.5
0.6
15.5
11.0
6.0
11.0
0.6
0.27
20.5
16.5
11.0
15.0
0.6
26.0
20.0
12.5
21.0
0.8
0.012
12.5
10.5
6.5
8.5
0.6
15.5
11.5
6.0
11.0
0.6
0.33
26.0
17.0
10.0
21.0
0.8
26.0
20.5
13.5
21.0
0.8
0.015
12.5
11.0
6.5
8.5
0.6
15.5
11.5
6.5
11.0
0.6
0.39
26.0
18.5
11.0
21.0
0.8
26.0
21.5
14.0
21.0
0.8
0.018
12.5
12.0
6.5
8.5
0.6
15.5
11.5
7.0
11.0
0.6
0.47
26.0
19.0
11.5
21.0
0.8
37.0
22.5
13.0
31.0
0.8
0.022
15.5
10.5
6.0
11.0
0.6
15.5
12.0
7.0
11.0
0.6
0.56
26.0
20.5
13.0
21.0
0.8
37.0
23.5
14.0
31.0
0.8
0.027
15.5
11.0
6.0
11.0
0.6
15.5
12.0
7.5
11.0
0.6
0.68
26.0
21.0
13.5
21.0
0.8
37.0
24.5
15.5
31.0
1.0
0.033
15.5
11.0
6.5
11.0
0.6
15.5
12.5
8.0
11.0
0.6
0.82
26.0
22.5
15.0
21.0
0.8
37.0
26.0
17.0
31.0
1.0
0.039
15.5
12.0
7.0
11.0
0.6
15.5
13.0
8.5
11.0
0.6
1.0
37.0
22.0
12.5
31.0
0.8
42.0
26.5
17.0
36.0
1.0
0.047
15.5
12.0
7.0
11.0
0.6
18.0
12.5
8.0
13.5
0.6
1.2
37.0
23.0
14.0
31.0
0.8
42.0
28.0
18.5
36.0
1.0
0.056
15.5
12.5
7.5
11.0
0.6
18.0
13.0
8.5
13.5
0.6
1.5
37.0
24.0
15.0
31.0
1.0
42.0
29.0
19.5
36.0
1.0
0.068
15.5
12.5
7.5
11.0
0.6
18.0
13.5
9.0
13.5
0.6
1.8
37.0
25.0
16.5
31.0
1.0
42.0
30.0
21.0
36.0
1.0
0.082
15.5
12.5
8.0
11.0
0.6
18.0
14.0
9.5
13.5
0.6
2.2
42.0
25.5
17.0
36.0
1.0
42.0
32.5
23.5
36.0
1.0
0.1
20.5
13.0
8.0
15.0
0.6
26.0
14.5
9.0
21.0
0.8
2.7
42.0
27.0
18.5
36.0
1.0
0.12
20.5
13.5
9.0
15.0
0.6
26.0
15.0
9.5
21.0
0.8
3.3
42.0
28.5
20.5
36.0
1.0
0.15
20.5
14.5
9.0
15.0
0.6
26.0
16.5
10.0
21.0
0.8
3.9
42.0
30.0
22.5
36.0
1.0
0.18
20.5
15.0
9.5
15.0
0.6
26.0
17.5
11.0
21.0
0.8
4.7
42.0
32.0
24.0
36.0
1.0
0.22
20.5
16.0
10.5
15.0
0.6
26.0
19.0
12.0
21.0
0.8
AMPE Series
(Radial Dipped)
MERITEK
Metallized Polyester
Film Capacitors - AC use
FEATURES
•
Excellent self-healing properties guarantee high reliability
•
Not susceptible to the stress caused by excessive voltage
•
Non-inductive construction
•
Flame retardant epoxy resin coating
(In compliance with UL 94V-0)
SPECIFICATIONS
1.
Operating temperature:
-40
oC to +85oC
2.
Capacitance range:
0.01
μF to 4.7μF
3.
Capacitance tolerance:
±5%(J), ±10%(K), ±20%(M)
4.
Rated voltage:
160VAC, 250VAC
5.
Dissipation factor:
1.0% max. at 1KHz, 25
oC
6.
Insulation resistance:
C R
≤ 0.33 μF ≥ 36000MΩ
C R > 0. 33
μF ≥ 12000 s
PART NUMBERING SYSTEM
AMPE
393
J 160VAC
Meritek Series
Capacitance
CODE
101
102
103
104
105
106
(pF )
100
1,000
10,000
100,000
( nF )
---
1
10
100
1000
(
μF )
---
0.001
0.01
0.1
1
10
Tolerance
CODE
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
160 VAC
250 VAC
Tape & Reel/Tape & Ammo available for lead space < 10 mm
Please contact factory for part number
AMPE are constructed with metallized polyester
film dielectric, tinned copper leads, and a flame
retardant epoxy resin coating. They can be used as
across-the-line type noise suppression capacitors
.
Specifications are subject to change without notice.
rev.6a


Similar Part No. - AMPE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
AMP UTC-AMP Datasheet
166Kb / 6P
2.5W DUAL AUDIO POWER AMP
logo
Mini-Circuits
AMP-15 MINI-AMP-15 Datasheet
189Kb / 2P
Low Noise Amplifier
logo
Adlink Technology Inc.
AMP-204C ADLINK-AMP-204C Datasheet
437Kb / 3P
DSP-based 4/8-axis Advanced Pulse-Train Motion Controllers
AMP-208C ADLINK-AMP-208C Datasheet
437Kb / 3P
DSP-based 4/8-axis Advanced Pulse-Train Motion Controllers
logo
Mini-Circuits
AMP-25G MINI-AMP-25G Datasheet
71Kb / 1P
Plug-In Amplifier
More results

Similar Description - AMPE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
Metallized polyester film capacitors
2001 Jun 22
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
Metallized polyester film capacitors
logo
EPCOS
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
AMPP MERITEK-AMPP Datasheet
113Kb / 1P
Metallized Polypropylene Film Capacitors - AC use
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
Metallized Polyester Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com