Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7723 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7723
Description  16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7723 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7723 Datasheet HTML 9Page - Analog Devices AD7723 Datasheet HTML 10Page - Analog Devices AD7723 Datasheet HTML 11Page - Analog Devices AD7723 Datasheet HTML 12Page - Analog Devices AD7723 Datasheet HTML 13Page - Analog Devices AD7723 Datasheet HTML 14Page - Analog Devices AD7723 Datasheet HTML 15Page - Analog Devices AD7723 Datasheet HTML 16Page - Analog Devices AD7723 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AD7723
–13–
REV. 0
Typical Performance Characteristics–
ANALOG INPUT LEVEL – dB
110
40
–28
2
–23
–18
–13
–8
–3
100
90
80
60
50
70
SNR
THD
SFDR
SIGNAL FREQUENCY = 98kHz
MEASUREMENT BANDWIDTH = 460kHz
Figure 9. SNR, THD and SFDR vs. Analog Input Level
Relative to Full Scale (Output Data Rate = 1.2 MHz)
ANALOG INPUT LEVEL – dB
110
40
–28
2
–23
–18
–13
–8
–3
100
90
80
60
50
70
SNR
THD
SFDR
SIGNAL FREQUENCY = 98kHz
MEASUREMENT BANDWIDTH = 300kHz
Figure 10. SNR, THD and SFDR vs. Analog Input Level
Relative to Full Scale (Output Data Rate = 600 kHz)
102
100
84
92
90
88
86
96
94
98
TEMPERATURE – C
100
–25
0
255075
–50
SIGNAL FREQUENCY = 98kHz
MEASUREMENT BANDWIDTH = 460kHz
SNR
THD
3RD
2ND
Figure 11. SNR and THD vs. Temperature (Output Data
Rate = 1.2 MHz)
106
104
88
96
94
92
90
100
98
102
TEMPERATURE – C
100
–25
0
255075
–50
SNR
THD
2ND
3RD
SIGNAL FREQUENCY = 98kHz
MEASUREMENT BANDWIDTH = 300kHz
Figure 12. SNR and THD vs. Temperature (Output Data
Rate = 600 kHz)
OUTPUT WORD RATE – kHz
106
92
100
500
1000
1500
2150
104
102
100
96
94
98
SNR
THD
SFDR
90
88
86
84
INPUT SIGNAL = 10kHz
MEASUREMENT BANDWIDTH = 0.383
OWR
Figure 13. SNR, THD and SFDR vs. Sampling Frequency
(Decimate by 16)
OUTPUT WORD RATE – kHz
115
90
50
150
300
600
900
110
105
95
100
SNR
THD
SFDR
INPUT SIGNAL = 10kHz
MEASUREMENT BANDWIDTH = 0.5
OWR
450
750
Figure 14. SNR, THD and SFDR vs. Sampling Frequency
(Decimate by 32)
(AVDD = DVDD = 5 V; TA = +25 C; CLKIN = 19.2 MHz; External +2.5 V Reference, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com