Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7723 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7723
Description  16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7723 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7723 Datasheet HTML 15Page - Analog Devices AD7723 Datasheet HTML 16Page - Analog Devices AD7723 Datasheet HTML 17Page - Analog Devices AD7723 Datasheet HTML 18Page - Analog Devices AD7723 Datasheet HTML 19Page - Analog Devices AD7723 Datasheet HTML 20Page - Analog Devices AD7723 Datasheet HTML 21Page - Analog Devices AD7723 Datasheet HTML 22Page - Analog Devices AD7723 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
AD7723
–22–
REV. 0
GROUNDING AND LAYOUT
The analog and digital power supplies to the AD7723 are inde-
pendent and separately pinned out to minimize coupling be-
tween analog and digital sections within the device. All the
AD7723 AGND and DGND pins should be soldered directly to
a ground plane to minimize series inductance. In addition, the
ac path from any supply pin or reference pin (REF1 and REF2)
through its decoupling capacitors to its associated ground must be
made as short as possible (Figure 44). To achieve the best decou-
pling, place surface mount capacitors as close as possible to the
device, ideally right up against the device pins.
All ground planes must not overlap to avoid capacitive coupling.
The AD7723’s digital and analog ground planes must be con-
nected at one place by a low inductance path, preferably right
under the device. Typically, this connection will either be a
trace on the Printed Circuit Board of 0.5 cm wide when the
ground planes are on the same layer, or 0.5 cm wide minimum
plated through holes when the ground planes are on different
layers. Any external logic connected to the AD7723 should use
a ground plane separate from the AD7723’s digital ground
plane. These two digital ground planes should also be con-
nected at just one place.
Separate power supplies for AVDD and DVDD are also highly
desirable. The digital supply pin DVDD should be powered from
a separate analog supply, but if necessary DVDD may share its
power connection to AVDD. Refer to the connection diagram
(Figure 44). The ferrites are also recommended to filter high
frequency signals from corrupting the analog power supply.
A minimum etch technique is generally best for ground planes
as it gives the best shielding. Noise can be minimized by paying
attention to the system layout and preventing different signals
from interfering with each other. High level analog signals
should be separated from low level analog signals, and both
should be kept away from digital signals. In waveform sampling
and reconstruction systems the sampling clock (CLKIN) is as
vulnerable to noise as any analog signal. CLKIN should be
isolated from the analog and digital systems. Fast switching
signals like clocks should be shielded with their associated
ground to avoid radiating noise to other sections of the board,
and clock signals should never be routed near the analog inputs.
Avoid running digital lines under the device as these will couple
noise onto the die. The analog ground plane should be allowed
to run under the AD7723 to shield it from noise coupling. The
power supply lines to the AD7723 should use as large a trace as
possible (preferably a plane) to provide a low impedance path
and reduce the effects of glitches on the power supply line.
Avoid crossover of digital and analog signals. Traces on opposite
sides of the board should run at right angles to each other. This
will reduce the effects of feedthrough through the board.
+5V
10 F
100nF
100nF
100nF
10nF
10nF
10nF
10nF
10nF
10 F
220nF
10nF
1 F
REF2
AGND2
REF1
AVDD1
AGND1
AGND1
AGND
AGND
AVDD
AVDD
DVDD
DGND
DGND
AD7723 ANALOG
GROUND PLANE
AD7723 DIGITAL
GROUND PLANE
Figure 44. Reference and Power Supply Decoupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com