Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK-Wi.232FHSS-250-FCC-R Datasheet(PDF) 30 Page - Radiometrix Ltd

Part # RK-Wi.232FHSS-250-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RK-Wi.232FHSS-250-FCC-R Datasheet(HTML) 30 Page - Radiometrix Ltd

Back Button RK-Wi.232FHSS-250-FCC-R Datasheet HTML 26Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 27Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 28Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 29Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 30Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 31Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 32Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 33Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 34Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
29
Revision 1.1.0
3.6.5. Reset (C2CK/RST)
The C2CK/RST pin is normally high. It is an open-drain input/output pin with an integrated weak pull-up.
Because it periodically operates as an output, care must be taken when interfacing to this pin. When
operating as an input, it has different functions depending on the state the module is in.
3.6.5.1. Hardware Reset (Input)
During normal operation, the pin functions as an active-low hardware reset input. When the module is
awake and running, bringing this pin low for at least 15μs forces the module’s processor into hardware
reset. While the pin is low, execution of module operations are suspended and all module I/O pins revert
to open-drain inputs with weak pull-ups. This behavior can be exploited during power-up if the VDD ramp
time exceeds 1ms. By suspending execution, the dangers associated with slow VDD ramp are nullified.
3.6.5.2. Wake from Deep Sleep (Input)
When the module is in deep sleep, all execution is suspended in the protocol controller, and the radio is
its lowest power mode. To wake the module the module’s C2CK/RST pin must be lowered for at least
15μs. When the C2CK/RST line is raised, execution begins in the protocol controller. The module
maintains its state engine while asleep. Because of this, it can detect whether the hardware reset was
intended to cause a hard reset or wake the module. The protocol controller’s RAM is preserved during
deep sleep. The RAM is checked prior to entering deep sleep, and examined upon waking. If the RAM
contents are corrupted upon wake, the module will issue itself a software reset to reinitialize the module.
3.6.5.3. Hardware Reset Indicator (Output)
When the module starts from power-off, or is reset by the internal VDD monitor circuitry, the C2CK/RST
pin is driven low to indicate the reset state. During power-on reset, assuming VDD ramp time is valid,
C2CK/RST is driven low from the time that VDD reaches approximately 1V until VDD reaches VRST +
TPORDelay. TPORDelay is the power-on reset delay imposed by the protocol controller’s hardware.
The other event that will drive the C2CK/RST pin low is a low-voltage or brown-out condition. In this
case, the VDD monitor will hold the device in reset, thus driving the C2CK/RST pin low. It will remain low
until the power drops below the operating threshold for that circuit (becoming indeterminate), or until the
module power supply returns to VRST. The figure below illustrates the operation of C2CK/RST as an
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com