Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK-Wi.232FHSS-250-FCC-R Datasheet(PDF) 35 Page - Radiometrix Ltd

Part # RK-Wi.232FHSS-250-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RK-Wi.232FHSS-250-FCC-R Datasheet(HTML) 35 Page - Radiometrix Ltd

Back Button RK-Wi.232FHSS-250-FCC-R Datasheet HTML 31Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 32Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 33Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 34Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 35Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 36Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 37Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 38Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 39Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
34
Revision 1.1.0
4. Module Configuration
The Wi.232FHSS modules will work right “out of the box” without any configuration. However, a great many
configuration registers are exposed to allow for the custom-tailoring of the wireless link. These registers are classified
as four different types: non-volatile R/W, non-volatile R/O, volatile R/W, and volatile R/O. During the power-on/reset
sequence, the non-volatile read/write registers are copied into the volatile read/write registers. This allows the
integrator to determine a default configuration for the wireless link that can be preset at the factory, requiring no
intervention by the host processor. During operation, changes to the volatile read/write registers have an immediate
effect on the Wi.232FHSS parameters. Non-volatile read-only registers provide a way for the host application to
retrieve information about the module hardware, firmware, and hard-coded configuration parameters such as the
MyGUID address.
4.1. Register Descriptions
4.1.1. CRC Error Count (regCRCERRCOUNT)
regCRCERRCOUNT (0x40)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
B7
B6
B5
B4
B3
B2
B1
B0
7
6
5
4
3
2
1
0
The value in this register is augmented each time a packet is received that fails CRC check. Writing 0x00
to this register will initialize the count.
4.1.2. Channel Hop Table (regHOPTABLE)
regNVHOPTABLE (0x00)
regHOPTABLE (0x4B)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RES
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
Default hop sequence: 0
The Wi.232FHSS supports 6 different hop sequences with minimal correlation. Changing the hop
sequence changes the physical band utilization, much the same way that a channel does in a static
transmitter. Valid values are 0-5.
Chapter
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com