Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7724AST Datasheet(PDF) 8 Page - Analog Devices

Part # AD7724AST
Description  Dual CMOS Modulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7724AST Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7724AST Datasheet HTML 4Page - Analog Devices AD7724AST Datasheet HTML 5Page - Analog Devices AD7724AST Datasheet HTML 6Page - Analog Devices AD7724AST Datasheet HTML 7Page - Analog Devices AD7724AST Datasheet HTML 8Page - Analog Devices AD7724AST Datasheet HTML 9Page - Analog Devices AD7724AST Datasheet HTML 10Page - Analog Devices AD7724AST Datasheet HTML 11Page - Analog Devices AD7724AST Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
REV. A
AD7724
–8–
(AVDD = DVDD = 5.0 V, TA = 25 C; CLKIN = 13 MHz ac-coupled sine wave, AIN = 20 kHz, Bipolar Mode; VIN(+) = 0 V to 2.5 V, VIN(–) = 1.25 V
unless otherwise noted)
INPUT LEVEL – dB
110
100
50
–40
–30
0
–20
–10
90
80
70
60
SFDR
S/ (N+D)
Figure 5. S/(N+D) and SFDR vs.
Analog Input Level
INPUT FREQUENCY – kHz
–85
–90
–115
0
20
100
40
60
80
–95
–100
–105
–110
THD
SNR
SFDR
VIN (+) = VIN(–) = 1.25V p-p
VCM = 2.5V
Figure 8. SNR, THD, and SFDR vs.
Input Frequency
TEMPERATURE – °C
–94
–116
–50
–25
100
025
50
75
–96
–108
–110
–112
–114
–100
–102
–106
–104
–98
THD
3RD
4TH
2ND
Figure 11. THD vs. Temperature
–Typical Performance Characteristics
OUTPUT DATA RATE – kSPS
84
92
85
88
89
90
91
86
87
0
50
300
100
150
200
250
AIN = 1/5
· BW
Figure 6. S/(N+D) vs. Output Sample
Rate
OUTPUT DATA RATE – kSPS
84
92
85
88
89
90
91
86
87
0
50
300
100
150
200
250
AIN = 1/5
· BW
VIN (+) = VIN(–) = 1.25V p-p
VCM = 2.5V
Figure 9. S/(N+D) vs. Output Sample
Rate
CODES
5000
0
n–3
n–2
n+3
n–1
n
n+1
n+2
4500
2000
1500
1000
500
4000
3500
2500
3000
VIN(+) = VIN(–)
CLKIN = 13MHz
8k SAMPLES
Figure 12. Histogram of Output Codes
with DC Input
INPUT FREQUENCY – kHz
–85
–90
–115
0
20
100
40
60
80
–95
–100
–105
–110
SNR
SFDR
THD
Figure 7. SNR, THD, and SFDR vs.
Input Frequency
TEMPERATURE – °C
92.0
91.5
88.0
–50
0
100
50
90.0
89.5
88.5
89.0
91.0
90.5
Figure 10. SNR vs. Temperature
CODE
1.0
0.8
–1.0
0
20000
65535
40000
–0.4
–0.8
–0.6
0
–0.2
0.6
0.2
0.4
Figure 13. Differential Nonlinearity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com