Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7724AST Datasheet(PDF) 3 Page - Analog Devices

Part # AD7724AST
Description  Dual CMOS Modulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7724AST Datasheet(HTML) 3 Page - Analog Devices

  AD7724AST Datasheet HTML 1Page - Analog Devices AD7724AST Datasheet HTML 2Page - Analog Devices AD7724AST Datasheet HTML 3Page - Analog Devices AD7724AST Datasheet HTML 4Page - Analog Devices AD7724AST Datasheet HTML 5Page - Analog Devices AD7724AST Datasheet HTML 6Page - Analog Devices AD7724AST Datasheet HTML 7Page - Analog Devices AD7724AST Datasheet HTML 8Page - Analog Devices AD7724AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
REV. A
–3–
AD7724
Parameter
A Version
Unit
Test Conditions/Comments
LOGIC OUTPUTS
VOH, Output High Voltage
DVDD1 – 0.2
V min
|IOUT|
≤ 200 µA
VOL, Output Low Voltage
0.4
V max
|IOUT|
≤ 1.6 mA
POWER SUPPLIES
AVDD/DVDD
4.75/5.25
V min/V max
DVDD1
2.85/5.25
V min/V max
IDD (Total for AVDD, DVDD)
Digital Inputs Equal to 0 V or DVDD
Active Mode
60
mA max
Standby Mode
20
µA max
NOTES
1Operating temperature range is as follows: A Version: –40
°C to +85°C.
2Gain Error excludes reference error. The modulator gain is calibrated wrt the voltage on the REF2 pin.
3Measurement Bandwidth = 0.5
× f
MCLK; Input Level = –0.05 dB.
4When a square wave clock is used, the dynamic specifications will degrade by 1 dB typically.
Specifications subject to change without notice.
BIT STREAM
94.25kHz
FILTER 1
120dB
304.687kHz
BANDWIDTH = 94.25kHz
TRANSITION = 304.687kHz
ATTENUATION = 120dB
COEFFICIENTS = 384
DECIMATE
BY 32
FILTER 2
16-BIT
OUTPUT
94.25kHz
90dB
108.874kHz
BANDWIDTH = 94.25kHz
TRANSITION = 108.874kHz
ATTENUATION = 90dB
COEFFICIENTS = 151
DECIMATE
BY 2
Figure 1. Digital Filter (Consists of Two FIR Filters). This Filter is implemented on the AD7722.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com