Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD775JN Datasheet(PDF) 1 Page - Analog Devices

Part # AD775JN
Description  8-Bit 20 MSPS, 60 mW Sampling A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD775JN Datasheet(HTML) 1 Page - Analog Devices

  AD775JN Datasheet HTML 1Page - Analog Devices AD775JN Datasheet HTML 2Page - Analog Devices AD775JN Datasheet HTML 3Page - Analog Devices AD775JN Datasheet HTML 4Page - Analog Devices AD775JN Datasheet HTML 5Page - Analog Devices AD775JN Datasheet HTML 6Page - Analog Devices AD775JN Datasheet HTML 7Page - Analog Devices AD775JN Datasheet HTML 8Page - Analog Devices AD775JN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
8-Bit 20 MSPS, 60 mW
Sampling A/D Converter
AD775
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
CMOS 8-Bit 20 MSPS Sampling A/D Converter
Low Power Dissipation: 60 mW
+5 V Single Supply Operation
Differential Nonlinearity: 0.3 LSB
Differential Gain: 1%
Differential Phase: 0.5 Degrees
Three-State Outputs
On-Chip Reference Bias Resistors
Adjustable Reference Input
Video Industry Standard Pinout
Small Packages:
24-Pin 300 Mil SOIC Surface Mount
24-Pin 400 Mil Plastic DIP
PRODUCT DESCRIPTION
The AD775 is a CMOS, low power, 8-bit, 20 MSPS sampling
analog-to-digital converter (ADC). The AD775 features a built-
in sampling function and on-chip reference bias resistors to pro-
vide a complete 8-bit ADC solution. The AD775 utilizes a
pipelined/ping pong two-step flash architecture to provide high
sampling rates (up to 35 MHz) while maintaining very low
power consumption (60 mW).
Its combination of excellent DNL, fast sampling rate, low dif-
ferential gain and phase errors, extremely low power dissipation,
and single +5 V supply operation make it ideally suited for a
variety of video and image acquisition applications, including
portable equipment. The AD775’s reference ladder may be con-
nected in a variety of configurations to accommodate different
input ranges. The low input capacitance (11 pF typical) provides
an easy-to-drive input load compared to conventional flash
converters.
The AD775 is offered in both 300 mil SOIC and 400 mil DIP
plastic packages, and is designed to operate over an extended
commercial temperature range (–20
°C to +75°C).
PRODUCT HIGHLIGHTS
Low Power: The AD775 has a typical supply current of 12 mA,
for a power consumption of 60 mW. Reference ladder current
is also low: 6.6 mA typical, minimizing the reference power
consumption.
Complete Solution: The AD775’s switched capacitor design
features an inherent sample/hold function: no external SHA is
required. On-chip reference bias resistors are included to allow
a supply-based reference to be generated without any external
resistors.
Excellent Differential Nonlinearity: The AD775 features a
typical DNL of 0.3 LSBs, with a maximum limit of 0.5 LSBs.
No missing codes is guaranteed.
Single +5 V Supply Operation: The AD775 is designed to oper-
ate on a single +5 V supply, and the reference ladder may be
configured to accommodate analog inputs inclusive of ground.
Low Input Capacitance: The 11 pF input capacitance of the
AD775 can significantly decrease the cost and complexity of
input driving circuitry, compared with conventional 8-bit flash
ADCs.
1
2
7
8
3
4
5
6
9
10
15
16
14
13
12
11
19
20
17
18
21
24
23
22
CLOCK LOGIC
FINE COMPARATORS
BANK B
FINE COMPARATORS
BANK A
COARSE
COMPARATORS
AVDD
AVSS
D7 (MSB)
D0 (LSB)
15
VRTS
VRT
VRB
VRBS
OE
AVSS
CLK
DVSS
AVDD
VIN
DVDD
AD775
4
8
5
255


Similar Part No. - AD775JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7750 AD-AD7750 Datasheet
195Kb / 16P
Product-to-Frequency Converter
REV.0
AD7750AN AD-AD7750AN Datasheet
195Kb / 16P
Product-to-Frequency Converter
REV.0
AD7750AR AD-AD7750AR Datasheet
195Kb / 16P
Product-to-Frequency Converter
REV.0
AD7751 AD-AD7751 Datasheet
249Kb / 16P
Energy Metering IC With On-Chip Fault Detection
REV.A
AD7751AAN AD-AD7751AAN Datasheet
249Kb / 16P
Energy Metering IC With On-Chip Fault Detection
REV.A
More results

Similar Description - AD775JN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08060 NSC-ADC08060 Datasheet
539Kb / 19P
8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
ADC08100 NSC-ADC08100 Datasheet
572Kb / 19P
8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
National Semiconductor ...
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08100 NSC-ADC08100_08 Datasheet
438Kb / 20P
8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
SPT7935 CADEKA-SPT7935 Datasheet
156Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
14-Bit, 20 MSPS, 150 mW A/D Converter
ADC08100 TI1-ADC08100_14 Datasheet
1Mb / 28P
ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
Analog Devices
AD775 AD-AD775_15 Datasheet
336Kb / 12P
8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com