Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7750 Datasheet (PDF) - Analog Devices

AD7750 Datasheet PDF - Analog Devices
Part # AD7750
Download  AD7750 Download
File Size   195.61 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Product-to-Frequency Converter

AD7750 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7750 Datasheet PDF - Analog Devices

Part # AD7750
Download  AD7750 Click to download

File Size   195.61 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Product-to-Frequency Converter

AD7750 Datasheet (HTML) - Analog Devices


AD7750 Product details

GENERAL DESCRIPTION

The AD7750 is a Product-to-Frequency Converter (PFC) that can be configured for power measurement or voltage-to-frequency conversion. The part contains the equivalent of two channels of A/D conversion, a multiplier, a digital-to-frequency converter, a reference and other conditioning circuitry. Channel 1 has a differential gain amplifier with selectable gains of 1 or 16. Channel 2 has a differential gain amplifier with a gain of 2. A high pass filter can be switched into the signal path of Channel 1 to remove any offsets.



FEATURES

Two Differential Analog Input Channels

Product of Two Channels

Voltage-to-Frequency Conversion on a Single Channel

Real Power Measurement Capability

< 0.2% Error Over the Range 400% Ibasic to 2% Ibasic

Two or Four Quadrant Operation (Positive and Negative Power)

Gain Select of 1 or 16 on the Current Channel (Channel 1)

Choice of On-Chip or External Reference

Choice of Output Pulse Frequencies Available (Pins F1 and F2)

High Frequency Pulse Output for Calibration Purposes (FOUT)

HPF on Current Channel for Offset Removal

Single 5 V Supply and Low Power




Similar Part No. - AD7750

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD775 AD-AD775 Datasheet
332Kb / 12P
8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV.0
AD7751 AD-AD7751 Datasheet
249Kb / 16P
Energy Metering IC With On-Chip Fault Detection
REV.A
AD7751AAN AD-AD7751AAN Datasheet
249Kb / 16P
Energy Metering IC With On-Chip Fault Detection
REV.A
AD7751AAN-REF AD-AD7751AAN-REF Datasheet
249Kb / 16P
Energy Metering IC With On-Chip Fault Detection
REV.A
AD7751AARS AD-AD7751AARS Datasheet
249Kb / 16P
Energy Metering IC With On-Chip Fault Detection
REV.A
More results


Similar Description - AD7750

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC110 BURR-BROWN-VFC110 Datasheet
98Kb / 8P
High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
Fairchild Semiconductor
RC4151 FAIRCHILD-RC4151 Datasheet
310Kb / 6P
VOLTAGE-TO-FREQUENCY CONVERTER
logo
National Semiconductor ...
LM2917N-14 NSC-LM2917N-14 Datasheet
326Kb / 18P
Frequency to Voltage Converter
logo
Texas Instruments
TSL235 TI-TSL235 Datasheet
80Kb / 6P
LIGHT-TO-FREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL235R TAOS-TSL235R Datasheet
153Kb / 10P
LIGHT-TO-FREQUENCY CONVERTER
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Texas Instruments
VFC110 TI1-VFC110 Datasheet
200Kb / 12P
High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
LM2907-N TI1-LM2907-N_15 Datasheet
2Mb / 31P
Frequency to Voltage Converter
logo
Analog Devices
AD537S AD-AD537S Datasheet
87Kb / 6P
Voltage to Frequency Converter
28-Sep-2017
logo
Cynergy3 Co
SC-FREQCON CYNERGY3-SC-FREQCON Datasheet
163Kb / 1P
Frequency To Analogue Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com