Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7750 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7750
Description  Product-to-Frequency Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7750 Datasheet(HTML) 3 Page - Analog Devices

  AD7750 Datasheet HTML 1Page - Analog Devices AD7750 Datasheet HTML 2Page - Analog Devices AD7750 Datasheet HTML 3Page - Analog Devices AD7750 Datasheet HTML 4Page - Analog Devices AD7750 Datasheet HTML 5Page - Analog Devices AD7750 Datasheet HTML 6Page - Analog Devices AD7750 Datasheet HTML 7Page - Analog Devices AD7750 Datasheet HTML 8Page - Analog Devices AD7750 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
–3–
REV. 0
AD7750
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options
AD7750AN
–40
°C to +85°C
20-Lead Plastic DIP
N-20
AD7750AR
–40
°C to +85°C
20-Lead Wide Body SOIC
R-20
A Version
–40 C to
Parameter
+85 C
Units
Test Conditions/Comments
POWER SUPPLY
For Specified Performance, Digital Input @ AGND
or VDD
VDD
4.75
V min
5 V – 5%
5.25
V max
5 V + 5%
IDD
5.5
mA max
Typically 3.5 mA
NOTES
1See plots in Typical Performance Graphs.
2External current amplification/drive should be used if higher current source and sink capabilities are required, e.g., bipolar transistor.
All specifications subject to change without notice.
TIMING CHARACTERISTICS1, 2
Parameter
A Version
Units
Test Conditions/Comments
t1
3
275
ms
F1 and F2 Pulsewidth (Logic Low)
t2
See Table I
s
Output Pulse Period. See Table I to Determine the Output Frequency
t3
t2/2
s
Time Between F1 Falling Edge and F2 Falling Edge
t4
3
90
ms
FOUT Pulsewidth (Logic High)
t5
See Table I
s
FOUT Pulse Period. See Table I to Determine the Output Frequency
t6
CLKIN/4
s
Minimum Time Between F1 and F2 Pulse
NOTES
1Sample tested during initial release and after any redesign or process change that may affect this parameter.
2See Figure 18.
3The pulsewidths of F1, F2 and F
OUT are not fixed for higher output frequencies. See the Digital-to-Frequency Converter (DTF) section for an explanation.
Specifications subject to change without notice.
(VDD = 5 V, AGND = 0 V, DVDD = 0 V, REFIN = REFOUT. All specifications TMIN to TMAX
unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS*
(TA = +25
°C unless otherwise noted)
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog Input Voltage to AGND
V1+, V1–, V2+ and V2– . . . . . . . . . . . . . . . . . . . . –6 V to +6 V
Reference Input Voltage to AGND . . . . –0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND . . . . . . –0.3 V to VDD + 0.3 V
Digital Output Voltage to DGND . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Commercial (A Version) . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7750 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
20-Lead SOIC Package, Power Dissipation . . . . . . . . 450 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . .
74
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
20-Lead Plastic DIP, Power Dissipation . . . . . . . . . . 450 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . .
102
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com