Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7750 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7750
Description  Product-to-Frequency Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7750 Datasheet(HTML) 2 Page - Analog Devices

  AD7750 Datasheet HTML 1Page - Analog Devices AD7750 Datasheet HTML 2Page - Analog Devices AD7750 Datasheet HTML 3Page - Analog Devices AD7750 Datasheet HTML 4Page - Analog Devices AD7750 Datasheet HTML 5Page - Analog Devices AD7750 Datasheet HTML 6Page - Analog Devices AD7750 Datasheet HTML 7Page - Analog Devices AD7750 Datasheet HTML 8Page - Analog Devices AD7750 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. 0
AD7750–SPECIFICATIONS
(VDD = 5 V
5%, AGND = 0 V, DGND = 0 V, REFIN = +2.5 V, CLKIN = 3.58 MHz
TMIN to TMAX = –40 C to +85 C, ACDC = Logic High)
A Version
–40 C to
Parameter
+85 C
Units
Test Conditions/Comments
ACCURACY
Measurement Error
1
Channel 2 with Full-Scale Signal
Gain = 1
0.2
% Reading max
Measured Over a Dynamic Range on Channel 1 of 500:1
0.3
% Reading max
Measured Over a Dynamic Range on Channel 1 of 1000:1
Gain = 16
0.2
% Reading max
Measured Over a Dynamic Range on Channel 1 of 500:1
0.4
% Reading max
Measured Over a Dynamic Range on Channel 1 of 1000:1
Phase Error Between Channels
CLKIN = 3.58 MHz, Line Frequency = 50 Hz
Phase Lead 40
° (PF = +0.8)
±0.2
Degrees (
°) max
HPF Filter On, ACDC = 1
Phase Lag 60
° (PF = –0.5)
±0.2
Degrees (
°) max
HPF Filter On, ACDC = 1
Feedthrough Between Channels
HPF Filter On, ACDC = 1, Mode 3, Channel 1 = 0 V
Output Frequency Variation (FOUT)
0.0005
% Full-Scale max
Channel 2 = 500 mV rms at 50 Hz
Power Supply Rejection
HPF Filter On, ACDC = 1, Mode 3, Channel 1 = 0 V
Output Frequency Variation (FOUT)
0.03
% Full-Scale max
Channel 2 = 500 mV rms, Power Supply Ripple
250 mV at 50 Hz. See Figures 1 and 3.
ANALOG INPUTS
Maximum Signal Levels
±1
V max
On Any Input, V1+, V1–, V2+ and V2–. See Analog Inputs.
Input Impedance (DC)
400
k
Ω min
CLKIN = 3.58 MHz
Bandwidth
3.5
kHz typ
CLKIN = 3.58 MHz, CLKIN/1024
Offset Error
±10
mV typ
Gain Error
±4
% Full-Scale typ
Gain Error Match
±0.3
% Full-Scale typ
REFERENCE INPUT
REFIN Input Voltage Range
2.7
V max
2.5 V + 8%
2.3
V min
2.5 V – 8%
Input Impedance
50
k
Ω min
ON-CHIP REFERENCE
Nominal 2.5 V
Reference Error
±200
mV max
Temperature Coefficient
55
ppm/
°C typ
CLKIN
Input Clock Frequency
4.5
MHz max
2
MHz min
LOGIC INPUTS
FS, S1, S2, ACDC and G1
Input High Voltage, VINH
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
V max
VDD = 5 V ± 5%
Input Current, IIN
±10
µA max
Typically 10 nA, VIN = 0 V to VDD
Input Capacitance, CIN
10
pF max
CLKIN
Input High Voltage, VINH
4
V min
Input Low Voltage, VINL
0.4
V max
LOGIC OUTPUTS
2
F1 and F2
Output High Voltage, VOH
ISOURCE = 8 mA
4.3
V min
VDD = 5 V
Output Low Voltage, VOL
ISINK = 8 mA
0.5
V max
VDD = 5 V
FOUT and REVP
Output High Voltage, VOH
ISOURCE = 1 mA
4
V min
VDD = 5 V ± 5%
Output Low Voltage, VOL
ISINK = 200 µA
0.4
V max
VDD = 5 V ± 5%
High Impedance Leakage Current
±10
µA max
High Impedance Capacitance
15
pF max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com