| Electronic Components Datasheet Search |
|
AD7730LBRU Datasheet(PDF) 35 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7730LBRU Datasheet(HTML) 35 Page - Analog Devices |
|
35 / 52 page ![]() AD7730/AD7730L REV. A –35– SERIAL INTERFACE The AD7730’s programmable functions are controlled via a set of on-chip registers. Access to these registers is via the part’s serial interface. After power-on or RESET, the device expects a write to its Communications Register. The data written to this register determines whether the next operation to the part is a read or a write operation and also determines to which register this read or write operation occurs. Therefore, write access to one of the control registers on the part starts with a write opera- tion to the Communications Register followed by a write to the selected register. Reading from the part’s on-chip registers can take the form of either a single or continuous read. A single read from a register consists of a write to the Communications Regis- ter (with RW1 = 0 and RW0 = 1) followed by the read from the specified register. To perform continuous reads from a register, write to the Communications Register (with RW1 = 1 and RW0 = 0) to place the part in continuous read mode. The speci- fied register can then be read from continuously until a write operation to the Communications Register (with RW1 = 1 and RW0 = 1) which takes the part out of continuous read mode. When operating in continuous read mode, the part is continu- ously monitoring its DIN line. The DIN line should therefore be permanently low to allow the part to stay in continuous read mode. Figure 5 and Figure 6, shown previously, indicate the correct flow diagrams when reading and writing from the AD7730’s registers. The AD7730’s serial interface consists of five signals, CS, SCLK, DIN, DOUT and RDY. The DIN line is used for transferring data into the on-chip registers while the DOUT line is used for accessing data from the on-chip registers. SCLK is the serial clock input for the device and all data transfers (either on DIN or DOUT) take place with respect to this SCLK signal. Write Operation The transfer of data into the part is to an input shift register. On completion of a write operation, data is transferred to the speci- fied register. This internal transfer will not take place until the correct number of bits for the specified register have been loaded to the input shift register. For example, the transfer of data from the input shift register takes place after eight serial clock cycles for a DAC Register write, while the transfer of data from the input shift register takes place after 24 serial clock cycles when writing to the Filter Register. Figure 18 shows a timing diagram for a write operation to the input shift register of the AD7730. With the POL input at a logic high, the data is latched into the input shift register on the rising edge of SCLK. With the POL input at a logic low, the data is latched into the input shift register on the falling edge of SCLK. Figure 18 also shows the CS input being used to decode the write operation to the AD7730. However, this CS input can be used in a number of different ways. It is possible to operate the part in three-wire mode where the CS input is tied low perma- nently. In this case, the SCLK line should idle high between data transfer when the POL input is high and should idle low between data transfers when the POL input is low. For POL = 1, the first falling edge of SCLK clocks data from the microcontrol- ler onto the DIN line of the AD7730. It is then clocked into the input shift register on the next rising edge of SCLK. For POL = 0, the first clock edge that clocks data from the microcontroller onto the DIN line of the AD7730 is a rising edge. It is then clocked into the input shift register on the next falling edge of SCLK. In other microcontroller applications which require a decoding of the AD7730, CS can be generated from a port line. In this case, CS would go low well in advance of the first falling edge of SCLK (POL = 1) or the first rising edge of SCLK (POL = 0). Clocking of each bit of data is as just described. In DSP applications, the SCLK is generally a continuous clock. In these applications, the CS input for the AD7730 is generated from a frame synchronization signal from the DSP. For proces- sors with the rising edge of SCLK as the active edge, the POL input should be tied high. For processors with the falling edge of SCLK as the active edge, the POL input should be tied low. In these applications, the first edge after CS goes low is the active edge. The MSB of the data to be shifted into the AD7730 must be set up prior to this first active edge. Read Operation The reading of data from the part is from an output shift regis- ter. On initiation of a read operation, data is transferred from the specified register to the output shift register. This is a paral- lel shift and is transparent to the user. Figure 19 shows a timing diagram for a read operation from the output shift register of the AD7730. With the POL input at a logic high, the data is clocked out of the output shift register on the falling edge of SCLK. With the POL input at a logic low, the data is clocked out of the output shift register on the rising edge of SCLK. Figure 19 also shows the CS input being used to decode the read operation to the AD7730. However, this CS input can be used in a number of different ways. It is possible to operate the part in three-wire mode where the CS input is permanently tied low. In this case, the SCLK line should idle high between data transfer when the POL input is high, and should idle low be- tween data transfers when the POL input is low. For POL = 1, the first falling edge of SCLK clocks data from the output shift register onto the DOUT line of the AD7730. It is then clocked into the microcontroller on the next rising edge of SCLK. For POL = 0, the first clock edge that clocks data from the AD7730 onto the DOUT line is a rising edge. It is then clocked into the microcontroller on the next falling edge of SCLK. In other microcontroller applications which require a decoding of the AD7730, CS can be generated from a port line. In this case, CS would go low well in advance of the first falling edge of SCLK (POL = 1) or the first rising edge of SCLK (POL = 0). Clocking of each bit of data is as just described. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |