Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7730LBRU Datasheet(PDF) 45 Page - Analog Devices

Part # AD7730LBRU
Description  Bridge Transducer ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7730LBRU Datasheet(HTML) 45 Page - Analog Devices

Back Button AD7730LBRU Datasheet HTML 41Page - Analog Devices AD7730LBRU Datasheet HTML 42Page - Analog Devices AD7730LBRU Datasheet HTML 43Page - Analog Devices AD7730LBRU Datasheet HTML 44Page - Analog Devices AD7730LBRU Datasheet HTML 45Page - Analog Devices AD7730LBRU Datasheet HTML 46Page - Analog Devices AD7730LBRU Datasheet HTML 47Page - Analog Devices AD7730LBRU Datasheet HTML 48Page - Analog Devices AD7730LBRU Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
–45–
REV. A
AD7730/AD7730L
Parameter
B Version
1
Units
Conditions/Comments
STATIC PERFORMANCE (CHP = 1)
No Missing Codes
2
24
Bits min
Output Noise and Update Rates
2
See Tables XXI & XXII
Integral Nonlinearity
22
ppm of FSR max
Offset Error
2
See Note 3
Offset Error and Offset Drift Refer to Both
Offset Drift vs. Temperature
2
5
nV/
°C typ
Unipolar Offset and Bipolar Zero Errors
Offset Drift vs. Time
4
25
nV/1000 Hours typ
Positive Full-Scale Error
2, 5
See Note 3
Positive Full-Scale Drift vs Temp
2, 6, 7
3
ppm of FS/
°C max
Positive Full-Scale Drift vs Time
4
10
ppm of FS/1000 Hours typ
Gain Error
2, 8
See Note 3
Gain Drift vs. Temperature
2, 6, 9
3
ppm/
°C max
Gain Drift vs. Time
4
10
ppm/1000 Hours typ
Bipolar Negative Full-Scale Error
2
See Note 3
Negative Full-Scale Drift vs. Temp
2, 6
3
ppm of FS/
°C max
Power Supply Rejection
120
dB typ
Measured with Zero Differential Voltage
Common-Mode Rejection (CMR)
118
dB min
At DC. Measured with Zero Differential Voltage
Analog Input DC Bias Current
2
40
nA max
Analog Input DC Bias Current Drift
2
100
pA/
°C typ
Analog Input DC Offset Current
2
10
nA max
Analog Input DC Offset Current Drift
2
50
pA/
°C typ
STATIC PERFORMANCE (CHP = 0)
2
No Missing Codes
24
Bits min
SKIP = 0
10
Output Noise and Update Rates
See Tables XXIII & XXIV
Integral Nonlinearity
22
ppm of FSR max
Offset Error
See Note 3
Offset Error and Offset Drift Refer to Both
Offset Drift vs. Temperature
6
0.5
µV/°C typ
Unipolar Offset and Bipolar Zero Errors
Offset Drift vs. Time
4
2.5
µV/1000 Hours typ
Positive Full-Scale Error
5
See Note 3
Positive Full-Scale Drift vs. Temp
6, 7
0.6
µV/°C typ
Positive Full-Scale Drift vs. Time
4
3
µV/1000 Hours typ
Gain Error
8
See Note 3
Gain Drift vs. Temperature
6, 9
2
ppm/
°C typ
Gain Drift vs. Time
4
10
ppm/1000 Hours typ
Bipolar Negative Full-Scale Error
See Note 3
Negative Full-Scale Drift vs. Temp
0.6
µV/°C typ
Power Supply Rejection
90
dB typ
Measured with Zero Differential Voltage
Common-Mode Rejection (CMR) on AIN
105
dB typ
At DC. Measured with Zero Differential Voltage
CMR on REF IN
100
dB typ
At DC. Measured with Zero Differential Voltage
Analog Input DC Bias Current
50
nA max
Analog Input DC Bias Current Drift
150
pA/
°C typ
Analog Input DC Offset Current
25
nA max
Analog Input DC Offset Current Drift
75
pA/
°C typ
ANALOG INPUTS/REFERENCE INPUTS
Normal-Mode 50 Hz Rejection
2
88
dB min
From 49 Hz to 51 Hz
Normal-Mode 60 Hz Rejection
2
88
dB min
From 59 Hz to 61 Hz
Common-Mode 50 Hz Rejection
2
120
dB min
From 49 Hz to 51 Hz
Common-Mode 60 Hz Rejection
2
120
dB min
From 59 Hz to 61 Hz
Analog Inputs
Differential Input Voltage Ranges
11
Assuming 2.5 V or 5 V Reference with
HIREF Bit Set Appropriately
0 to +10 or
±10
mV nom
Gain = 250
0 to +20 or
±20
mV nom
Gain = 125
0 to +40 or
±40
mV nom
Gain = 62.5
0 to +80 or
±80
mV nom
Gain = 31.25
Absolute/Common-Mode Voltage
12
AGND + 1.2 V
V min
AVDD – 0.95 V
V max
Reference Input
REF IN(+) – REF IN(–) Voltage
+2.5
V nom
HIREF Bit of Mode Register = 0
REF IN(+) – REF IN(–) Voltage
+5
V nom
HIREF Bit of Mode Register = 1
Absolute/Common-Mode Voltage
13
AGND – 30 mV
V min
AVDD + 30 mV
V max
NO REF Trigger Voltage
0.3
V min
NO REF Bit Active If VREF Below This Voltage
0.65
V max
NO REF Bit Inactive If VREF Above This Voltage
AD7730L–SPECIFICATIONS (AV
DD = +5 V, DVDD = +3 V or +5 V; REF IN(+) =
AVDD; REF IN(–) = AGND = DGND = 0 V; fCLK IN = 2.4576 MHz. All specifications TMIN to TMAX unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com