Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCE Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # LCE
Description  Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

LCE Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  LCE Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION LCE Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION LCE Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min.@IT
Breakdown
Voltage
Max.@IT
Test
Current
Maximum
Reverse
Leakage
@VRWM
Maximum
Peak Pulse
Current
Per fig.3
Maximum
Clamping
Voltage
@IPP
Maximum
Junction
Capacitance
@0V
Working
Inverse
Blocking
Voltage
Working
Blocking
Leakage
Current
Peak
Inverse
Blocking
Voltage
Part
Number
VRWM(V) VBR MIN.(V) VBR MAX.(V) IT(mA)
IR(µA)
IPP(A)
VC(V)
(pF)
VWIB(V)
IIB(mA)
VPIB(V)
LCE6.5A
6.5
7.22
7.98
10
1000
11.2
100
100
75
1.0
100
LCE7.0A
7.0
7.78
8.60
10
500
12.0
100
100
75
1.0
100
LCE7.5A
7.5
8.33
9.21
10
250
12.9
100
100
75
1.0
100
LCE8.0A
8.0
8.89
9.83
1
100
13.6
100
100
75
1.0
100
LCE8.5A
8.5
9.44
10.40
1
50
14.4
100
100
75
1.0
100
LCE9.0A
9.0
10.00
11.10
1
10
15.4
97
100
75
1.0
100
LCE10A
10.0
11.10
12.30
1
5
17.0
88
100
75
1.0
100
LCE11A
11.0
12.20
13.50
1
1
18.2
82
100
75
1.0
100
LCE12A
12.0
13.30
14.70
1
1
19.9
75
100
75
1.0
100
LCE13A
13.0
14.40
15.90
1
1
21.5
70
100
75
1.0
100
LCE14A
14.0
15.60
17.20
1
1
23.2
65
100
75
1.0
100
LCE15A
15.0
16.70
18.50
1
1
24.4
61
100
75
1.0
100
LCE16A
16.0
17.80
19.70
1
1
26.0
57
100
75
1.0
100
LCE17A
17.0
18.90
20.90
1
1
27.6
54
100
75
1.0
100
LCE18A
18.0
20.00
22.10
1
1
29.2
51
100
75
1.0
100
LCE20A
20.0
22.20
24.50
1
1
32.4
46
100
75
1.0
100
LCE22A
22.0
24.40
26.90
1
1
35.5
42
100
75
1.0
100
LCE24A
24.0
26.70
29.50
1
1
38.9
39
100
75
1.0
100
LCE26A
26.0
28.90
31.90
1
1
42.1
36
100
75
1.0
100
LCE28A
28.0
31.10
34.40
1
1
45.5
33
100
75
1.0
100
Millimeters
Inches
Item
Min.
Max.
Min.
Max.
L
25.40
-
1.000
-
T
7.20
9.50
0.285
0.375
d
4.80
5.30
0.190
0.210
s
0.96
1.07
0.038
0.042
L
L
T
d
s
DIA.
DIA.
DO-201
Transient Voltage Suppressors
Series
MERITEK
PACKAGE DIMENSIONS
SPECIFICATIONS
2
Rev 7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com