Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCE Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # LCE
Description  Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

LCE Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  LCE Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION LCE Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION LCE Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Figure 1 - Peak Pulse Power Rating Curve
Figure 2 - Pulse Derating Curve
Figure 3 - Pulse Waveform
Figure 4 - AC Line Protection Application
Figure 5 - Steady State Power Dissipation Derating Curve
0
25
50
75
100
0
25
50
75
100
125
150
175
T
L Lead Temperature (ºC)
A verage Power
Peak Power
(Single Pulse)
Low Capacitance
Application Note:
Device must be used with two
units in parallel, opposite in polarity as shown in
circuit for AC signal line protection.
0
0
50
10 0
150
1.0
2.0
3.0
4.0
tr=10µsec
Peak Value
IPPM
IPPM
2
T J=2 5°C
Pulse Width(td) is de
fined
as the point where the peak
I
f
o
%
0
5
o
t
s
y
a
c
e
d
t
n
e
r
r
u
c
PPM
10/1000µsec. Waveform
as de
fined by R.E.A
td
t-Time (ms)
Half Value
IPPM
(
)
0.1
1
10
100
1000
0.000001
0.00001
0.0001
0.001
t
d-Pluse Width (Sec.)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0
25
50
75
100 125 150 175 200
T
L-Lead Temperature (ºC)
Transient
Series
MERITEK
RATING AND CHARACTERISTIC CURVES
(TA: 25°C UNLESS OTHERWISE SPECIFIED)
3
Rev 7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com