Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD781JN Datasheet(PDF) 1 Page - Analog Devices

Part # AD781JN
Description  Complete 700 ns Sample-and-Hold Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD781JN Datasheet(HTML) 1 Page - Analog Devices

  AD781JN Datasheet HTML 1Page - Analog Devices AD781JN Datasheet HTML 2Page - Analog Devices AD781JN Datasheet HTML 3Page - Analog Devices AD781JN Datasheet HTML 4Page - Analog Devices AD781JN Datasheet HTML 5Page - Analog Devices AD781JN Datasheet HTML 6Page - Analog Devices AD781JN Datasheet HTML 7Page - Analog Devices AD781JN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL BLOCK DIAGRAM
1
2
3
45
6
7
8
AD781
X1
VCC
IN
COMMON
NC
OUT
S/H
NC
VEE
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Complete 700 ns
Sample-and-Hold Amplifier
AD781*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
PRODUCT DESCRIPTION
The AD781 is a high speed monolithic sample-and-hold
amplifier (SHA). The AD781 guarantees a maximum
acquisition time of 700 ns to 0.01% over temperature. The
AD781 is specified and tested for hold mode total harmonic
distortion and hold mode signal-to-noise and distortion. The
AD781 is configured as a unity gain amplifier and uses a
self-correcting architecture that minimizes hold mode errors and
insures accuracy over temperature. The AD781 is self-contained
and requires no external components or adjustments.
The low power dissipation, 8-pin mini-DIP package and
completeness make the AD781 ideal for highly compact board
layouts. The AD781 will acquire a full-scale input in less than
700 ns and retain the held value with a droop rate of 0.01
µV/µs.
Excellent linearity and hold mode dc and dynamic performance
make the AD781 ideal for 12- and 14-bit high speed analog-
to-digital converters.
The AD781 is manufactured on Analog Devices’ BiMOS
process which merges high performance, low noise bipolar
circuitry with low power CMOS to provide an accurate, high
speed, low power SHA.
The AD781 is specified for three temperature ranges. The J
grade device is specified for operation from 0
°C to +70°C, the A
grade from –40
°C to +85°C and the S grade from –55°C to
+125
°C. The J and A grades are available in 8-pin plastic DIP
packages. The S grade is available in an 8-pin cerdip package.
*Protected by U.S. Patent No. 4,962,325.
PRODUCT HIGHLIGHTS
1. Fast acquisition time (700 ns), low aperture jitter (75 ps) and
fully specified hold mode distortion make the AD781 an
ideal SHA for sampling systems.
2. Low droop (0.01
µV/µs) and internally compensated hold
mode error results in superior system accuracy.
3. Low power (95 mW typical), complete functionality and
small size make the AD781 an ideal choice for a variety of
high performance, low power applications.
4. The AD781 requires no external components or adjustments.
5. Excellent choice as a front-end SHA for high speed analog-
to-digital converters such as the AD671, AD7586, AD674B,
AD774B, AD7572 and AD7672.
6. Fully specified and tested hold mode distortion guarantees
the performance of the SHA in sampled data systems.
7. The AD781 is available in versions compliant with MIL-
STD-883. Refer to the Analog Devices Military Products
Databook or current AD781/883B data sheet for detailed
specifications.
FEATURES
Acquisition Time to 0.01%: 700 ns Maximum
Low Power Dissipation: 95 mW
Low Droop Rate: 0.01
V/ s
Fully Specified and Tested Hold Mode Distortion
Total Harmonic Distortion: –80 dB Maximum
Aperture Jitter: 75 ps Maximum
Internal Hold Capacitor
Self-Correcting Architecture
8-Pin Mini Cerdip and Plastic Package
MIL-STD-883 Compliant Versions Available


Similar Part No. - AD781JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD781JN AD-AD781JN Datasheet
675Kb / 8P
Complete 700 ns Sample-and-hold amplifier
REV. A
AD781JNZ AD-AD781JNZ Datasheet
675Kb / 8P
Complete 700 ns Sample-and-hold amplifier
REV. A
More results

Similar Description - AD781JN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
Sample-and-hold amplifier
August 31, 1994
logo
Analog Devices
AD783 AD-AD783 Datasheet
131Kb / 8P
Complete Very High Speed Sample-and-Hold Amplifier
REV.A
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
Precision Sample and Hold Amplifier?
logo
National Semiconductor ...
LF6197 NSC-LF6197 Datasheet
214Kb / 12P
160 ns Monolithic Sample-and-Hold Amplifier
logo
Intersil Corporation
HA5351 INTERSIL-HA5351_07 Datasheet
176Kb / 7P
64ns Sample and Hold Amplifier
April 12, 2007
logo
Analog Devices
AD781JNZ AD-AD781JNZ Datasheet
675Kb / 8P
Complete 700 ns Sample-and-hold amplifier
REV. A
AD783JRZ AD-AD783JRZ Datasheet
610Kb / 8P
Complete Very High Speed Sample-and-Hold Amplifier
REV. A
AD781 AD-AD781_15 Datasheet
675Kb / 8P
Complete 700 ns Sample and Hold Amplifier
REV. A
AD783 AD-AD783_15 Datasheet
703Kb / 9P
Complete Very High Speed Sample and Hold Amplifier
REV. B
logo
Intersil Corporation
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
64ns Sample and Hold Amplifier
April 25, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com