Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1280CI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1280CI
Description  EZBuck??1.2 A Simple Buck Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1280CI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1280CI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1280CI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1280CI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1280CI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1280CI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1280CI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1280CI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1280CI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1280CI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AOZ1280
Rev. 1.1 August 2011
www.aosmd.com
Page 2 of 13
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
Pin Description
Part Number
Ambient Temperature Range
Package
Environmental
AOZ1280CI
-40 °C to +85 °C
SOT23-6L
Green Product
RoHS Compliant
Pin Number
Pin Name
Pin Function
1
BST
Bootstrap voltage input. High side driver supply. Connected to 10 nF capacitor between
BST and LX.
2
GND
Ground.
3
FB
Feedback input. It is regulated to 0.8 V. The FB pin is used to determine the PWM output
voltage via a resistor divider between the output and GND.
4
EN
Enable pin. The enable pin is active high. Connect EN pin to VIN through current limiting
resistor. Do not leave the EN pin floating.
5
VIN
Supply voltage input. Input range from 3 V to 26 V. When VIN rises above the UVLO
threshold the device starts up.
6
LX
PWM output connection to inductor.
LX
VIN
EN
1
2
3
BST
GND
FB
SOT23-6L
(Top View)
6
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com