Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1280CI Datasheet (PDF) - Alpha & Omega Semiconductors

Part # AOZ1280CI
Description  EZBuck??1.2 A Simple Buck Regulator
File Size   656.21 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1280CI Datasheet (PDF) - Alpha & Omega Semiconductors



Similar Part No. - AOZ1280CI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1280CI AOSMD-AOZ1280CI Datasheet
1Mb / 13P
EZBuck™ 1.2 A Simple Buck Regulator
Rev. 1.1 August 2011
More results


Similar Description - AOZ1280CI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1014DI AOSMD-AOZ1014DI_09 Datasheet
533Kb / 19P
EZBuck??5A Simple Buck Regulator
AOZ1094AI AOSMD-AOZ1094AI Datasheet
813Kb / 19P
EZBuck??5A Simple Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
EZBuck??2A Simple Buck Regulator
AOZ1212DI AOSMD-AOZ1212DI Datasheet
571Kb / 18P
EZBuck??3A Simple Buck Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
EZBuck??3A Simple Buck Regulator
AOZ1281DI AOSMD-AOZ1281DI Datasheet
648Kb / 12P
EZBuck??1.8 A Simple Buck Regulator
AOZ1282DI AOSMD-AOZ1282DI Datasheet
715Kb / 13P
EZBuck??1.2A Simple Buck Regulator
AOZ1280 AOSMD-AOZ1280 Datasheet
1Mb / 13P
EZBuck™ 1.2 A Simple Buck Regulator
Rev. 1.1 August 2011
AOZ1281 AOSMD-AOZ1281 Datasheet
1Mb / 12P
EZBuck™ 1.8 A Simple Buck Regulator
Rev. 1.0 June 2011
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com