Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLR Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MLR
Description  Metal Alloy Low-Ohmic Current Sensing Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MLR Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MLR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MLR Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MLR Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MLR Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
 
Rev. 7
 
Metal Alloy Low-Ohmic
Current Sensing Resistor
MLR Series
  
Feature
Ideal for all types of current sensing, voltage
division and pulse applications.
Proprietary processing technique
Extremely low Resistance values.
High-temperature performance (up to +275°C)
Very low inductance 0.5nH to 5nH
Excellent frequency response
Low thermal EMF (>1uV/°C)
PART NUMBERING SYSTEM
MLR
1206
330 R001 J
Meritek Series
Size
1206
2010
2512
2725
2728
4527
Rating (Watts)
Code
C
1
A
2
3
B
4
5
0.5W
1W
1.5W
2W
3W
3.5W
4W
5W
Resistance
4 ~ 6
Digit
EX.
R100 = 100mΩ
R010 = 10mΩ
R001 = 1mΩ
R00025 = 0.25mΩ
Tolerance
Code
Tolerance
Code
Tolerance
D
±0.5%
G
±2%
F
±1%
J
±5%
Power Derating Curve:
Operating Temperature Range: -55°C ~ +170°C


Similar Part No. - MLR

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
MLR102K100 NTE-MLR102K100 Datasheet
26Kb / 2P
MYLAR/POLYESTER FILM
MLR102K400 NTE-MLR102K400 Datasheet
26Kb / 2P
MYLAR/POLYESTER FILM
MLR102K50 NTE-MLR102K50 Datasheet
26Kb / 2P
MYLAR/POLYESTER FILM
MLR102K630 NTE-MLR102K630 Datasheet
26Kb / 2P
MYLAR/POLYESTER FILM
MLR103K100 NTE-MLR103K100 Datasheet
26Kb / 2P
MYLAR/POLYESTER FILM
More results

Similar Description - MLR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRF2512 BOURNS-CRF2512 Datasheet
133Kb / 1P
Metal Alloy Current Sense Resistor
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
Current Sensing Metal Chip Resistor
logo
Stackpole Electronics, ...
CSS SEI-CSS Datasheet
530Kb / 13P
Ultra-precision Metal Alloy Current Sensing Chip Resistor
7/29/2022
CSSK SEI-CSSK Datasheet
348Kb / 5P
Kelvin Termination Metal Alloy Current Sensing Resistor
3/29/2022
logo
C&B ELECTRONICS (SHENZH...
EBWM2512 RESI-EBWM2512 Datasheet
722Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
PEWM3920 RESI-PEWM3920 Datasheet
681Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF2512 RESI-SEWF2512 Datasheet
504Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF3920 RESI-SEWF3920 Datasheet
739Kb / 3P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF5930 RESI-SEWF5930 Datasheet
578Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
2022/11/28
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com