Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MPR
Description  Metal Plate Resistor Cement Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPR Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MPR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPR Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 7
FEATURES
Good Heat-durability.
Flame Retardant.
Low Inductance.
High Power.
Small Size.
PART NUMBERING SYSTEM
MPR
5W
VALUE
J
RES. TOL. 5% / 10% = J / K
RESISTANCE 0R1 TO 10R
POWER RATING
MERITEK PRODUCT SERIES
SPECIFICATION
DIMENSIONS(mm)
Type
Power
Rating
L
H
W
d
P
Maximum
Working
Voltage
Maximum
Overload
Voltage
Resistance
Range
3W
14±1.5
10±1.5
5±1.0
0.8±0.1
10±1
350V
700V
5W
14±1.5
18±1.5
5±1.0
0.8±0.1
10±1
350V
700V
3W+3W
26±1.5
13±1.5
5±1.0
0.8±0.1
10±1
350V
700V
5W+5W
26±1.5
18±1.5
5±1.0
0.8±0.1
10±1
350V
700V
MPR
7W+7W
26±1.5
20±1.5
5±1.0
0.8±0.1
10±1
350V
700V
0.01Ω ~1Ω
Metal Plate Resistor
Cement Type
MPR Series


Similar Part No. - MPR

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Illinois Capacitor, Inc...
MPR ILLINOISCAPACITOR-MPR Datasheet
202Kb / 2P
Small size ??Low ESR ??Good Pulse Capabilities ??Stable
logo
Stackpole Electronics, ...
MPR SEI-MPR Datasheet
242Kb / 4P
Flameproof Metal Plate Resistor
12/03/2020
logo
TE Connectivity Ltd
MPR TEC-MPR Datasheet
1Mb / 16P
Passive Components
August 2007
logo
IDEM Safety Switches
MPR IDEM-SAFETY-MPR Datasheet
1Mb / 2P
Non Contact Magnetic Safety Switches
Jun 21
More results

Similar Description - MPR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPC722 ETC1-MPC722 Datasheet
111Kb / 1P
Metal Plate Cement Resistors
logo
KOA Speer Electronics, ...
TLR2BDTE KOA-TLR2BDTE Datasheet
89Kb / 4P
Chip-Type Metal Plate Low-Resistance Resistor
TLR1EDTP2L00F KOA-TLR1EDTP2L00F Datasheet
281Kb / 2P
metal plate chip type low resistance resistor
TLR1E-2A-TLRZ KOA-TLR1E-2A-TLRZ Datasheet
406Kb / 2P
metal plate chip type low resistance resistor
logo
Vishay Siliconix
ULDCR12 VISHAY-ULDCR12 Datasheet
220Kb / 4P
Compact Metal Plate Power Resistor
27-Mar-15
ULDCR11 VISHAY-ULDCR11 Datasheet
179Kb / 4P
Compact Metal Plate Power Resistor
27-Mar-15
ULDCR00 VISHAY-ULDCR00 Datasheet
211Kb / 4P
Compact Metal Plate Power Resistor
27-Mar-15
logo
Stackpole Electronics, ...
CSM SEI-CSM Datasheet
344Kb / 6P
Molded Metal Plate Sensing Resistor
8/17/2022
MPR SEI-MPR Datasheet
242Kb / 4P
Flameproof Metal Plate Resistor
12/03/2020
logo
List of Unclassifed Man...
BPR56 ETC-BPR56 Datasheet
269Kb / 2P
Square metal plate resistor Rectangular Type Metal Plate Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com