Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MPR
Description  Metal Plate Resistor Cement Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPR Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MPR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPR Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev. 7
ELECTRICAL PERFORMANCE
Characteristics
Specifications
Test Methods JIS 5202
Temperature Coefficient
±350PPM/C
5.2 B
Short Time Overload
ΔR≤ ±(2%Ro+0.05Ω)
2.5*5SEC
Dielectric Withstanding Voltage
500V
5.7
Load Life Humidity
ΔR≤ ±(3%Ro+0.05Ω)
7.9
Load Life
ΔR≤ ±(3%Ro+0.05Ω)
7.1
Thermal Shock
ΔR≤ ±(2%Ro+0.05Ω)
JIS 5026 6.7
MPR Series
Metal Plate Resistor
Cement Type



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com