Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPTH Datasheet(PDF) 6 Page - MERITEK ELECTRONICS CORPORATION

Part # MPTH
Description  Polymeric PTC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPTH Datasheet(HTML) 6 Page - MERITEK ELECTRONICS CORPORATION

  MPTH Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPTH Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPTH Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MPTH Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MPTH Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MPTH Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MPTH Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPTH Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Product Dimensions (Millimeters)
A
B
C
D
E
Part
Number
Fig
Maximum
Maximum
Typical
Minimum
Maximum
MPTH250V080UV
1
5.1
9.1
5.0
4.7
3.8
MPTH250V080V
1
5.8
9.6
5.0
4.7
4.6
MPTH250V110UV
1
5.9
9.4
5.0
4.7
3.8
MPTH250V110V
1
6.8
9.9
5.0
4.7
4.6
MPTH250V120UV
2
6.0
10.0
5.0
4.7
3.8
MPTH250V120V
2
6.5
11.0
5.0
4.7
4.6
MPTH250V145UV
2
6.0
10.0
5.0
4.7
3.8
MPTH250V145V
2
6.5
11.0
5.0
4.7
4.6
MPTH250V180UV
2
10.4
12.6
5.0
4.7
3.8
MPTH250V180V
2
10.9
12.6
5.0
4.7
4.6
MPTH250V180XV
1
9.0
12.0
5.0
4.7
3.8
MPTH600V150V
2
14.0
12.6
5.0
4.7
6.0
MPTH600V150M
2
9.0
12.5
5.0
4.7
4.6
MPTH600V160V
2
16.0
12.6
5.0
4.7
6.0
MPTH Series
Polymeric PTC
Figure 2
Lead Size: 22AWG
Φ 0.65 mm Diameter
Figure 1
Lead Size: 22AWG
Φ 0.65 mm Diameter
Rev.7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com