Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPTH Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MPTH
Description  Polymeric PTC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPTH Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MPTH Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPTH Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPTH Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MPTH Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MPTH Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MPTH Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MPTH Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPTH Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Feature and Applications
UL E223037
•
ROHS Compliant (Lead Free) Product
•
Wide variety of electronic applications
•
Low hold current Solid state, Radial leaded product ideal for up to 60V/250V/600V
•
Operation Current: 80mA to 180mA
•
Maximum Operating Voltage: 100V / 250V
•
Maximum Interrupt Voltage: 250V / 600V
•
Temperature Range: -40ºC to 85ºC
Polymeric PTC
MPTH Series
PART NUMBERING SYSTEM
MPTH
600V
015
Meritek Series
Voltage rating
Current rating
Rev.7


Similar Part No. - MPTH

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MPT DBLECTRO-MPT Datasheet
143Kb / 2P
Metallized Polyester Film Capacitor (Tubular)
logo
CBC Group. CBC AMERICA ...
MPT COMPUTAR-MPT Datasheet
1Mb / 2P
MACHINE VISION LENSES 1.4“ 50 MP
logo
Pro-Signal
MPT-001 PROSIGNAL-MPT-001 Datasheet
27Kb / 1P
Piezo Tweeter
logo
Microsemi Corporation
MPT-10 MICROSEMI-MPT-10 Datasheet
89Kb / 2P
TRANSIENT ABSORPTION ZENER
MPT-10C MICROSEMI-MPT-10C Datasheet
89Kb / 2P
TRANSIENT ABSORPTION ZENER
More results

Similar Description - MPTH

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE16000-ECG NTE-NTE16000-ECG Datasheet
90Kb / 4P
Polymeric Positive Temperature Coefficient (PTC) Resettable Fuses
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402_11 Datasheet
466Kb / 4P
Surface Mount Polymeric ESD Suppressors
logo
MERITEK ELECTRONICS COR...
MPRV MERITEK-MPRV Datasheet
325Kb / 8P
Polymeric PTC
MPSR MERITEK-MPSR Datasheet
268Kb / 4P
Polymeric PTC
MPTR MERITEK-MPTR Datasheet
460Kb / 19P
Polymeric PTC
MPTS-R MERITEK-MPTS-R Datasheet
453Kb / 20P
Polymeric PTC
MPTS-S MERITEK-MPTS-S Datasheet
453Kb / 20P
Polymeric PTC
logo
Bourns Electronic Solut...
P-TCO-N BOURNS-P-TCO-N Datasheet
658Kb / 5P
Polymeric Thermal Cutoff Device
logo
Shanghai Leiditech Elec...
PESD2510AV12 LEIDITECH-PESD2510AV12 Datasheet
1Mb / 8P
Surface Mount Polymeric ESD Suppressor
logo
UN Semiconducctor INC
PESD2510E UNSEMI-PESD2510E Datasheet
4Mb / 7P
Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com