Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7839AS Datasheet(PDF) 5 Page - Analog Devices

Part # AD7839AS
Description  Octal 13-Bit, Parallel Input, Voltage-Output DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7839AS Datasheet(HTML) 5 Page - Analog Devices

  AD7839AS Datasheet HTML 1Page - Analog Devices AD7839AS Datasheet HTML 2Page - Analog Devices AD7839AS Datasheet HTML 3Page - Analog Devices AD7839AS Datasheet HTML 4Page - Analog Devices AD7839AS Datasheet HTML 5Page - Analog Devices AD7839AS Datasheet HTML 6Page - Analog Devices AD7839AS Datasheet HTML 7Page - Analog Devices AD7839AS Datasheet HTML 8Page - Analog Devices AD7839AS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD7839
–5–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Description
1
DUTGND_AB
Device Sense Ground for DACs A and B. VOUTA and VOUTB are referenced to the voltage
applied to this pin.
2, 44, 43,
VOUTA ..VOUTH
DAC Outputs.
41, 37, 35,
34, 32
4, 3
VREF(+)AB, VREF(–)AB
Reference Inputs for DACs A and B. These reference voltages are referred to GND.
5VDD
Positive Analog Power Supply; +15 V
± 5%.
6VSS
Negative Analog Power Supply; –15 V
± 5%.
7
LDAC
Load DAC Logic Input (active low). When this logic input is taken low the contents of the
input registers are transferred to their respective DAC registers.
LDAC can be tied perma-
nently low enabling the outputs to be updated on the rising edge of
WR.
10, 9, 8
A0, A1, A2
Address inputs. A0, A1 and A2 are decoded to select one of the eight input registers for a
data transfer.
11
CS
Level-Triggered Chip Select Input (active low). The device is selected when this input is low.
12
WR
Level-Triggered Write Input (active low), used in conjunction with
CS to write data to the
AD7839 input registers. Data is latched into the selected input register on the rising edge of
WR.
13
VCC
Logic Power Supply; +5 V
± 5%.
14
GND
Ground.
15–27
DB0 . . DB12
Parallel Data Inputs. The AD7839 can accept a straight 13-bit parallel word on DB0 to DB12
where DB12 is the MSB and DB0 is the LSB.
28
CLR
Asynchronous Clear Input (level sensitive, active low). When this input is low, all analog
outputs are switched to the externally set potential on the relevant DUTGND pin. The con-
tents of input registers and DAC registers A to H are not affected when the
CLR pin is taken
low. When
CLR is brought back high, the DAC outputs revert to their original outputs as
determined by the data in their DAC registers.
30, 31
VREF(+)GH, VREF(–)GH
Reference Inputs for DACs G and H. These reference voltages are referred to GND.
33
DUTGND_GH
Device Sense Ground for DACs G and H. VOUTG and VOUTH are referenced to the voltage
applied to this pin.
36
DUTGND_EF
Device Sense Ground for DACs E and F. VOUTE and VOUTF are referenced to the voltage
applied to this pin.
39
VREF(+)CDEF
Reference Inputs for DACs C, D, E and F. These reference voltages are referred to GND.
40
VREF(–)CDEF
42
DUTGND_CD
Device Sense Ground for DACs C and D. VOUTC and VOUTD are referenced to the voltage
applied to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com