Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7839AS Datasheet(PDF) 1 Page - Analog Devices

Part # AD7839AS
Description  Octal 13-Bit, Parallel Input, Voltage-Output DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7839AS Datasheet(HTML) 1 Page - Analog Devices

  AD7839AS Datasheet HTML 1Page - Analog Devices AD7839AS Datasheet HTML 2Page - Analog Devices AD7839AS Datasheet HTML 3Page - Analog Devices AD7839AS Datasheet HTML 4Page - Analog Devices AD7839AS Datasheet HTML 5Page - Analog Devices AD7839AS Datasheet HTML 6Page - Analog Devices AD7839AS Datasheet HTML 7Page - Analog Devices AD7839AS Datasheet HTML 8Page - Analog Devices AD7839AS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7839
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Octal 13-Bit, Parallel Input,
Voltage-Output DAC
FUNCTIONAL BLOCK DIAGRAM
DAC
REG
A
INPUT
REG
A
13
DAC E
AD7839
DB12
DB0
WR
CS
A0
A1
A2
LDAC
RR
RR
R
R
R
R
R
R
R
R
R
R
R
R
13
13
DAC
REG
B
INPUT
REG
B
13
13
13
DAC
REG
C
INPUT
REG
C
13
13
13
DAC
REG
D
INPUT
REG
D
13
13
13
DAC
REG
E
INPUT
REG
E
13
13
13
DAC
REG
F
INPUT
REG
F
13
13
13
DAC
REG
G
INPUT
REG
G
13
13
13
DAC
REG
H
INPUT
REG
H
13
13
13
DAC D
DAC C
DAC F
DAC B
DAC A
DAC G
DAC H
VCC
VSS
VDD
VREF(+)
AB
VREF(–)
AB
DUTGND
CD
DUTGND
AB
VOUTA
VOUTB
VOUTC
VOUTD
VOUTE
VOUTF
VOUTG
VOUTH
DUTGND
GH
DUTGND
EF
VREF(–)
CDEF
VREF(+)
CDEF
VREF(–)
GH
VREF(+)
GH
GND
CLR
FEATURES
Eight 13-Bit DACs in One Package
Voltage Outputs
Offset Adjust for Each DAC Pair
Reference Range of
5 V
Maximum Output Voltage Range of
10 V
Clear Function to User-Defined Voltage
44-Lead MQFP Package
APPLICATIONS
Automatic Test Equipment
Process Control
General Purpose Instrumentation
GENERAL DESCRIPTION
The AD7839 contains eight 13-bit DACs on one monolithic
chip. It has output voltages with a full-scale range of
±10 V
from reference voltages of
±5 V.
The AD7839 accepts 13-bit parallel loaded data from the exter-
nal bus into one of the input registers under the control of the
WR, CS and DAC channel address pins, A0–A2.
The DAC outputs are updated on reception of new data into
the DAC registers. All the outputs may be updated simulta-
neously by taking the
LDAC input low.
Each DAC output is buffered with a gain-of-two amplifier into
which an external DAC offset voltage can be inserted via the
DUTGNDx pins.
The AD7839 is available in a 44-lead MQFP package.


Similar Part No. - AD7839AS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
More results

Similar Description - AD7839AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX5270 MAXIM-MAX5270 Datasheet
251Kb / 13P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 1; 1/01
MAX547 MAXIM-MAX547 Datasheet
230Kb / 16P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 3; 12/95
MAX5839 MAXIM-MAX5839 Datasheet
211Kb / 16P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 1/00
MX7839 MAXIM-MX7839 Datasheet
374Kb / 14P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Analog Devices
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7839 AD-AD7839_15 Datasheet
157Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com