Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7828LN Datasheet(PDF) 13 Page - Analog Devices

Part # AD7828LN
Description  LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7828LN Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7828LN Datasheet HTML 8Page - Analog Devices AD7828LN Datasheet HTML 9Page - Analog Devices AD7828LN Datasheet HTML 10Page - Analog Devices AD7828LN Datasheet HTML 11Page - Analog Devices AD7828LN Datasheet HTML 12Page - Analog Devices AD7828LN Datasheet HTML 13Page - Analog Devices AD7828LN Datasheet HTML 14Page - Analog Devices AD7828LN Datasheet HTML 15Page - Analog Devices AD7828LN Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD7824/AD7828
REV. F
–13–
OUTLINE DIMENSIONS
28-Lead Ceramic DIP - Glass Hermetic Seal [CERDIP]
(Q-28)
Dimensions shown in inches and (millimeters)
28
114
15
0.610 (15.49)
0.500 (12.70)
PIN 1
0.005 (0.13)
MIN
0.100 (2.54)
MAX
15
0
0.620 (15.75)
0.590 (14.99)
0.018 (0.46)
0.008 (0.20)
SEATING
PLANE
0.225(5.72)
MAX
1.490 (37.85) MAX
0.150 (3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.015 (0.38)
MIN
0.026 (0.66)
0.014 (0.36)
0.100
(2.54)
BSC
0.070 (1.78)
0.030 (0.76)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
24-Lead Ceramic DIP - Glass Hermetic Seal [CERDIP]
(Q-24)
Dimensions shown in inches and (millimeters)
24
112
13
0.310 (7.87)
0.220 (5.59)
PIN 1
0.005 (0.13)
MIN
0.098 (2.49)
MAX
15
0
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
SEATING
PLANE
0.200 (5.08)
MAX
1.280 (32.51) MAX
0.150 (3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.023 (0.58)
0.014 (0.36)
0.100
(2.54)
BSC
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
28-Terminal Ceramic Leaded Chip Carrier [LCC]
(E-28A)
Dimensions shown in inches and (millimeters)
1
28
5
11
18
BOTTOM
VIEW
19
25
26
4
12
0.15 (3.81)
REF
0.075
(1.91)
REF
0.028 (0.71)
0.022 (0.56)
0.300 (7.62)
REF
0.055 (1.40)
0.045 (1.14)
0.075 (1.91)
REF
0.020 (0.51)
MIN
0.05 (1.27)
BSC
0.095 (2.41)
0.075 (1.90)
0.458 (11.63)
0.442 (11.23)
SQ
0.458
(11.63)
MAX
SQ
0.100 (2.54)
0.064 (1.63)
0.088 (2.24)
0.054 (1.37)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com