Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7835AS Datasheet(PDF) 4 Page - Analog Devices

Part # AD7835AS
Description  LC2MOS Quad 14-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7835AS Datasheet(HTML) 4 Page - Analog Devices

  AD7835AS Datasheet HTML 1Page - Analog Devices AD7835AS Datasheet HTML 2Page - Analog Devices AD7835AS Datasheet HTML 3Page - Analog Devices AD7835AS Datasheet HTML 4Page - Analog Devices AD7835AS Datasheet HTML 5Page - Analog Devices AD7835AS Datasheet HTML 6Page - Analog Devices AD7835AS Datasheet HTML 7Page - Analog Devices AD7835AS Datasheet HTML 8Page - Analog Devices AD7835AS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. A
–4–
AD7834/AD7835
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25°C unless otherwise noted)
VCC to DGND . . . . . . . . . . . . . . . –0.3 V, +7 V or VDD + 0.3 V
(Whichever Is Lower)
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +17 V
VSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V, –17 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +0.3 V
Digital Inputs to DGND . . . . . . . . . . . . . . –0.3 V, VCC + 0.3 V
VREF(+) to VREF(–) . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +18 V
VREF(+) to AGND . . . . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
VREF(–) to AGND . . . . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
DSG to AGND . . . . . . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
VOUT (1–4) to AGND . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (S Version). . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Plastic Package
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . +75
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . +260
°C
Cerdip Package
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . +52
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . +300
°C
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7834/AD7835 feature proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Linearity
Temperature
Error
DNL
Package
Model
Range
(LSBs)
(LSBs)
Option
1
AD7834AR
–40
°C to +85°C
±2
±0.9
R-28
AD7834BR
–40
°C to +85°C
±1
±0.9
R-28
AD7834AN
–40
°C to +85°C
±2
±0.9
N-28
AD7834BN
–40
°C to +85°C
±1
±0.9
N-28
AD7834SQ
–55
°C to +125°C
±2
±0.9
Q-28
AD7835AS
2
–40
°C to +85°C
±2
±0.9
S-44
AD7835BS
2
–40
°C to +85°C
±1
±0.9
S-44
AD7835AP2
–40
°C to +85°C
±2
±0.9
P-44A
NOTES
1R = Small Outline IC (SOIC); N = Plastic DIP; Q = Cerdip; S = Plastic Quad Flatpack (PQFP);
P = Plastic Leaded Chip Carrier (PLCC).
2Contact Sales Office for availability.
SOIC Package
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . +75
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
PQFP Package
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . . 95
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
PLCC Package
θ
JA Thermal Impedance. . . . . . . . . . . . . . . . . . . . . . +55°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
Power Dissipation (Any Package) . . . . . . . . . . . . . . . . 480 mW
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com