Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7835AS Datasheet(PDF) 15 Page - Analog Devices

Part # AD7835AS
Description  LC2MOS Quad 14-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7835AS Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7835AS Datasheet HTML 8Page - Analog Devices AD7835AS Datasheet HTML 9Page - Analog Devices AD7835AS Datasheet HTML 10Page - Analog Devices AD7835AS Datasheet HTML 11Page - Analog Devices AD7835AS Datasheet HTML 12Page - Analog Devices AD7835AS Datasheet HTML 13Page - Analog Devices AD7835AS Datasheet HTML 14Page - Analog Devices AD7835AS Datasheet HTML 15Page - Analog Devices AD7835AS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD7834/AD7835
REV. A
–15–
VOFFSET voltage is adjusted until 0 V appears between the pin
driver output and DUT GND. This causes both VREF(+)A and
VREF(–)A to be offset with respect to AGND by an amount
equal to VOFFSET. However the output of the pin driver will vary
from –5 V to +5 V with respect to DUT GND as the DAC in-
put code varies from 000 . . . 000 to 111 . . . 111. The VOFFSET
voltage is also applied to the DSG A pin. When a clear is per-
formed on the AD7835, the output of the pin driver will be 0 V
with respect to DUT GND.
*ADDITIONAL PINS OMITTED FOR CLARITY
4
6
8
13
7
3
1
15
14
9
16
2
10 11 12
1µF
+15V –15V
0.1µF
AD588
4
6
8
13
7
3
1
15
14
16
2
10
11
12
1µF
+15V –15V
AD588
8
DUT
GND
TO TESTER
WINDOW
COMPARATOR
–15V
+15V
VREF(+)A
VREF(–)A
DSG A
VREF(+)B
VREF(–)B
AD7835
*
VOUT1
VOUT2
VOUT3
VOUT4
DSG B
AGND
DUT
GND
DUT
GND
VDUT
VOFFSET
PIN
DRIVER
Figure 29. ATE Application
The other AD588 is used to provide a reference voltage for
DACs 3 and 4. These provide the reference voltages for the
window comparator shown in the diagram. Note that Pin 9 of
this AD588 is connected to DUT GND. This causes VREF(+)B
and VREF(–)B to be referenced to DUT GND. As DAC 3 and
DAC 4 input codes vary from 000 . . . 000 to 111 . . . 111,
VOUT3 and VOUT4 vary from –5 V to +5 V with respect to DUT
GND. DUT GND is also connected to DSG B. When the
AD7835 is cleared, VOUT3 and VOUT4 are cleared to 0 V with
respect to DUT GND.
Care must be taken to ensure that the maximum and minimum
voltage specs for the AD7835 reference voltages are not broken
in the above configuration.
Power Supply Bypassing and Grounding
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure
the rated performance. The printed circuit board on which the
AD7834/AD7835 is mounted should be designed such that the
analog and digital sections are separated and confined to certain
areas of the board. This facilitates the use of ground planes that
can be separated easily. A minimum etch technique is generally
best for ground planes as it gives the best shielding. Digital and
analog ground planes should only be joined at one place. If the
AD7834/AD7835 is the only device requiring an AGND to
DGND connection, then the ground planes should be con-
nected at the AGND and DGND pins of the AD7834/AD7835.
If the AD7834/AD7835 is in a system where multiple devices
require an AGND to DGND connection, the connection should
still be made at one point only, a star ground point which
should be established as close as possible to the AD7834/
AD7835.
Digital lines running under the device should be avoided as
these will couple noise onto the die. The analog ground plane
should be allowed to run under the AD7834/AD7835 to avoid
noise coupling. The power supply lines of the AD7834/
AD7835 should use as large a trace as possible to provide low
impedance paths and reduce the effects of glitches on the power
supply line. Fast switching signals like clocks should be shielded
with digital ground to avoid radiating noise to other parts of the
board and should never be run near the analog inputs. Avoid
crossover of digital and analog signals. Traces on opposite sides
of the board should run at right angles to each other. This re-
duces the effects of feedthrough through the board. A
microstrip technique is by far the best but not always possible
with a double sided board. In this technique, the component
side of the board is dedicated to ground plane while signal traces
are placed on the solder side.
The AD7834/AD7835 should have ample supply bypassing lo-
cated as close to the package as possible, ideally right up against
the device. Figure 30 shows the recommended capacitor values
of 10
µF in parallel with 0.1 µF on each of the supplies. The
10
µF capacitors are the tantalum bead type. The 0.1 µF ca-
pacitor should have low Effective Series Resistance (ESR) and
Effective Series Inductance (ESI), such as the common ceramic
types, which provide a low impedance path to ground at high
frequencies to handle transient currents due to internal logic
switching.
10µF
0.1µF
*ADDITIONAL PINS OMITTED FOR CLARITY
10µF
0.1µF
10µF
0.1µF
AD7834/
AD7835
*
VDD
VCC
VSS
AGND
DGND
Figure 30. Power Supply Decoupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com