Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7851 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7851
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7851 Datasheet HTML 9Page - Analog Devices AD7851 Datasheet HTML 10Page - Analog Devices AD7851 Datasheet HTML 11Page - Analog Devices AD7851 Datasheet HTML 12Page - Analog Devices AD7851 Datasheet HTML 13Page - Analog Devices AD7851 Datasheet HTML 14Page - Analog Devices AD7851 Datasheet HTML 15Page - Analog Devices AD7851 Datasheet HTML 16Page - Analog Devices AD7851 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
–13–
REV. A
AD7851
FINISHED
LAST
REGISTER
WRITE
OPERATION
OR
ABORT
?
YES
NO
CAL REGISTER POINTER IS
AUTOMATICALLY INCREMENTED
READ CAL REGISTER
CAL REGISTER POINTER IS
AUTOMATICALLY RESET
WRITE TO CONTROL REGISTER SETTING STCAL = 0, RDSLT1 = 1,
RDSLT0 = 0, AND CALSLT1, CALSLT0 = 00, 01, 10, 11
START
Figure 9. Flowchart for Reading from the Calibration
Registers
Adjusting the Offset Calibration Register
The offset calibration register contains 16 bits, two leading zeros
and 14 data bits. By changing the contents of the offset register,
different amounts of offset on the analog input signal can be
compensated for. Increasing the number in the offset calibration
register compensates for negative offset on the analog input sig-
nal, and decreasing the number in the offset calibration register
compensates for positive offset on the analog input signal. The
default value of the offset calibration register is 0010 0000 0000
0000 approximately. This is not an exact value, but the value in
the offset register should be close to this value. Each of the 14
data bits in the offset register is binary weighted; the MSB has a
weighting of 5% of the reference voltage, the MSB-1 has a
weighting of 2.5%, the MSB-2 has a weighting of 1.25%, and so
on down to the LSB which has a weighting of 0.0006%.
This gives a resolution of
±0.0006% of V
REF approximately.
More accurately the resolution is
±(0.05 × V
REF)/2
13 volts =
±0.015 mV, with a 2.5 V reference. The maximum offset that
can be compensated for is
±5% of the reference voltage, which
equates to
±125 mV with a 2.5 V reference and ±250 mV with a
5 V reference.
Q. If a +20 mV offset is present in the analog input signal and the
reference voltage is 2.5 V, what code needs to be written to the
offset register to compensate for the offset?
A. 2.5 V reference implies that the resolution in the offset reg-
ister is 5%
× 2.5 V/213 = 0.015 mV. +20 mV/0.015 mV =
1310.72; rounding to the nearest number gives 1311. In
binary terms this is 0101 0001 1111, therefore decrease the
offset register by 0101 0001 1111.
This method of compensating for offset in the analog input sig-
nal allows for fine tuning the offset compensation. If the offset
on the analog input signal is known, there will be no need to
apply the offset voltage to the analog input pins and do a system
calibration. The offset compensation can take place in software.
Adjusting the Gain Calibration Register
The gain calibration register contains 16 bits, two leading 0s
and 14 data bits. The data bits are binary weighted as in the off-
set calibration register. The gain register value is effectively mul-
tiplied by the analog input to scale the conversion result over the
full range. Increasing the gain register compensates for a
smaller analog input range and decreasing the gain register com-
pensates for a larger input range. The maximum analog input
range that the gain register can compensate for is 1.025 times
the reference voltage, and the minimum input range is 0.975
times the reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com