Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7851 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7851
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7851 Datasheet HTML 17Page - Analog Devices AD7851 Datasheet HTML 18Page - Analog Devices AD7851 Datasheet HTML 19Page - Analog Devices AD7851 Datasheet HTML 20Page - Analog Devices AD7851 Datasheet HTML 21Page - Analog Devices AD7851 Datasheet HTML 22Page - Analog Devices AD7851 Datasheet HTML 23Page - Analog Devices AD7851 Datasheet HTML 24Page - Analog Devices AD7851 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
–21–
REV. A
AD7851
SYSTEM OFFSET
CALIBRATION
SYS OFFSET
VREF – 1LSB
AGND
MAX SYSTEM OFFSET
IS
±5% OF V
REF
MAX SYSTEM FULL SCALE
IS
±2.5% FROM V
REF
ANALOG
INPUT
RANGE
VREF – 1LSB
ANALOG
INPUT
RANGE
SYS OFFSET
AGND
MAX SYSTEM OFFSET
IS
±5% OF V
REF
VREF + SYS OFFSET
Figure 28. System Offset Calibration
Figure 29 shows a system gain calibration (assuming a system
full scale greater than the reference voltage) where the analog
input range has been increased after the system gain calibration
is completed. A system full-scale voltage less than the reference
voltage may also be accounted for a by a system gain calibration.
SYSTEM GAIN
CALIBRATION
VREF – 1LSB
AGND
MAX SYSTEM FULL SCALE
IS
±2.5% FROM V
REF
ANALOG
INPUT
RANGE
VREF – 1LSB
ANALOG
INPUT
RANGE
AGND
SYS FULL S.
SYS FULL S.
MAX SYSTEM FULL SCALE
IS
±2.5% FROM V
REF
Figure 29. System Gain Calibration
Finally in Figure 30 both the system offset and gain are accounted
for by the system offset followed by a system gain calibration.
First the analog input range is shifted upwards by the positive
system offset and then the analog input range is adjusted at the
top end to account for the system full scale.
SYSTEM OFFSET
CALIBRATION
FOLLOWED BY
SYSTEM GAIN
CALIBRATION
SYS OFFSET
VREF – 1LSB
AGND
MAX SYSTEM OFFSET
IS
±5% OF V
REF
MAX SYSTEM FULL SCALE
IS
±2.5% FROM V
REF
ANALOG
INPUT
RANGE
VREF – 1LSB
ANALOG
INPUT
RANGE
SYS OFFSET
AGND
MAX SYSTEM OFFSET
IS
±5% OF V
REF
VREF + SYS OFFSET
SYS F.S.
MAX SYSTEM FULL SCALE
IS
±2.5% FROM V
REF
SYS F.S.
Figure 30. System (Gain + Offset) Calibration
Self-Calibration Timing
The diagram of Figure 27 shows the timing for a full self-
calibration. Here the BUSY line stays high for the full length of
the self-calibration. A self-calibration is initiated by bringing the
CAL
pin low (which initiates an internal reset) and then high
again or by writing to the control register and setting the
STCAL bit to 1 (note that if the part is in a power-down mode, the
CAL
pulse width must take account of the power-up time). The
BUSY line is triggered high from the rising edge of CAL (or the
end of the write to the control register if calibration is initiated
in software), and BUSY will go low when the full self-calibration
is complete after a time tCAL as shown in Figure 27.
t1 = 100ns MIN,
t15 = 2.5 tCLKIN MAX,
tCAL = 250026 tCLKIN
CAL (I/P)
BUSY (O/P)
t1
t15
tCAL
Figure 27. Timing Diagram for Full Self-Calibration
For the self-(gain + offset), self-offset and self-gain calibrations,
the BUSY line will be triggered high by the rising edge of the
CAL
signal (or the end of the write to the control register if cali-
bration is initiated in software) and will stay high for the full du-
ration of the self-calibration. The length of time that the BUSY
is high for will depend on the type of self-calibration that is initi-
ated. Typical figures are given in Table IX. The timing dia-
grams for the other self-calibration options will be similar to that
outlined in Figure 27.
System Calibration Description
System calibration allows the user to take out system errors
external to the AD7851 as well as calibrate the errors of the
AD7851 itself. The maximum calibration range for the system
offset errors is
±5% of V
REF and for the system gain errors is
±2.5% of V
REF. This means that the maximum allowable system
offset voltage applied between the AIN(+) and AIN(–) pins for
the calibration to adjust out this error is
±0.05 × V
REF (i.e., the
AIN(+) can be 0.05
× V
REF above AIN(–) or 0.05 × VREF below
AIN(–)). For the system gain error the maximum allowable
system full-scale voltage, in unipolar mode, that can be applied
between AIN(+) and AIN(–) for the calibration to adjust out
this error is VREF
± 0.025 × V
REF (i.e., the AIN(+) can be VREF +
0.025
× V
REF above AIN(–) or VREF – 0.025
× V
REF above
AIN(–)). If the system offset or system gain errors are outside
the ranges mentioned, the system calibration algorithm will
reduce the errors as much as the trim range allows.
Figures 28 through 30 illustrate why a specific type of system
calibration might be used. Figure 29 shows a system offset cali-
bration (assuming a positive offset) where the analog input
range has been shifted upwards by the system offset after the
system offset calibration is completed. A negative offset may
also be accounted for by a system offset calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com