Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7853L Datasheet(PDF) 1 Page - Analog Devices

Part # AD7853L
Description  3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7853L Datasheet(HTML) 1 Page - Analog Devices

  AD7853L Datasheet HTML 1Page - Analog Devices AD7853L Datasheet HTML 2Page - Analog Devices AD7853L Datasheet HTML 3Page - Analog Devices AD7853L Datasheet HTML 4Page - Analog Devices AD7853L Datasheet HTML 5Page - Analog Devices AD7853L Datasheet HTML 6Page - Analog Devices AD7853L Datasheet HTML 7Page - Analog Devices AD7853L Datasheet HTML 8Page - Analog Devices AD7853L Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
FUNCTIONAL BLOCK DIAGRAM
2.5V
REFERENCE
CALIBRATION
MEMORY
AND CONTROLLER
SAR + ADC
CONTROL
AVDD
AGND
DVDD
DGND
CLKIN
CONVST
BUSY
SLEEP
CAL
CREF2
CREF1
REFIN/
REFOUT
AIN(–)
AIN(+)
AMODE
SM1
SCLK
SYNC
POLARITY
DOUT
DIN
SM2
AGND
BUF
T/H
COMP
CHARGE
REDISTRIBUTION
DAC
SERIAL INTERFACE / CONTROL REGISTER
AD7853/AD7853L
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
3 V to 5 V Single Supply, 200 kSPS
12-Bit Sampling ADCs
AD7853/AD7853L*
FEATURES
Specified for VDD of 3 V to 5.5 V
Read-Only Operation
AD7853–200 kSPS; AD7853L–100 kSPS
System and Self-Calibration with Autocalibration on
Power-Up
Low Power:
AD7853: 12 mW (VDD = 3 V)
AD7853L: 4.5 mW (VDD = 3 V)
Automatic Power Down After Conversion (25
W)
Flexible Serial Interface:
8051/SPI™/QSPI™/ P Compatible
24-Lead DIP, SOIC and SSOP Packages
APPLICATIONS
Battery-Powered Systems (Personal Digital Assistants,
Medical Instruments, Mobile Communications)
Pen Computers
Instrumentation and Control Systems
High Speed Modems
GENERAL DESCRIPTION
The AD7853/AD7853L are high speed, low power, 12-bit
ADCs that operate from a single 3 V or 5 V power supply, the
AD7853 being optimized for speed and the AD7853L for low
power. The ADC powers up with a set of default conditions at
which time it can be operated as a read-only ADC. The ADC
contains self-calibration and system-calibration options to en-
sure accurate operation over time and temperature and have a
number of power-down options for low power applications.
The part powers up with a set of default conditions and can
operate as a read only ADC.
The AD7853 is capable of 200 kHz throughput rate while the
AD7853L is capable of 100 kHz throughput rate. The input
track-and-hold acquires a signal in 500 ns and features a pseudo-
differential sampling scheme. The AD7853/AD7853L voltage
range is 0 to VREF with both straight binary and twos comple-
ment output coding. Input signal range is to the supply, and the
part is capable of converting full power signals to 100 kHz.
CMOS construction ensures low power dissipation of typically
4.5 mW for normal operation and 1.15 mW in power-down
mode, with a throughput rate of 10 kSPS (VDD = 3 V). The part
is available in 24-lead, 0.3 inch wide dual-in-line package
(DIP), 24-lead small outline (SOIC) and 24-lead small shrink
outline (SSOP) packages.
PRODUCT HIGHLIGHTS
1. Specified for 3 V and 5 V supplies.
2. Automatic calibration on power-up.
3. Flexible power management options including automatic
power-down after conversion.
4. Operates with reference voltages from 1.2 V to VDD.
5. Analog input ranges from 0 V to VDD.
6. Self- and system calibration.
7. Versatile serial I/O port (SPI/QSPI/8051/
µP).
8. Lower power version AD7853L.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
*Patent pending.
SPI and QSPI are trademarks of Motorola, Incorporated.


Similar Part No. - AD7853L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7853L AD-AD7853L_15 Datasheet
353Kb / 34P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
More results

Similar Description - AD7853L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7854 AD-AD7854 Datasheet
264Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV.B
AD7859 AD-AD7859 Datasheet
535Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV.A
AD7854ARZ AD-AD7854ARZ Datasheet
264Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7859ASZ AD-AD7859ASZ Datasheet
405Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7853 AD-AD7853_15 Datasheet
353Kb / 34P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853L AD-AD7853L_15 Datasheet
353Kb / 34P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854 AD-AD7854_15 Datasheet
264Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854L AD-AD7854L_15 Datasheet
264Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859 AD-AD7859_17 Datasheet
450Kb / 29P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com