Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7853L Datasheet(PDF) 21 Page - Analog Devices

Part # AD7853L
Description  3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7853L Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7853L Datasheet HTML 17Page - Analog Devices AD7853L Datasheet HTML 18Page - Analog Devices AD7853L Datasheet HTML 19Page - Analog Devices AD7853L Datasheet HTML 20Page - Analog Devices AD7853L Datasheet HTML 21Page - Analog Devices AD7853L Datasheet HTML 22Page - Analog Devices AD7853L Datasheet HTML 23Page - Analog Devices AD7853L Datasheet HTML 24Page - Analog Devices AD7853L Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
REV. B
–21–
AD7853/AD7853L
capacitors, one of which is trimmed when an offset or gain cali-
bration is performed. Again it is the ratio of these capacitors to
the capacitors in the DAC that is critical and the calibration
algorithm ensures that this ratio is at a specified value for both
the offset and gain calibrations.
In Bipolar Mode the midscale error is adjusted for an offset
calibration and the positive full-scale error is adjusted for the
gain calibration; in Unipolar Mode the zero-scale error is ad-
justed for an offset calibration and the positive full-scale error is
adjusted for a gain calibration.
Self-Calibration Timing
The diagram of Figure 27 shows the timing for a full self-
calibration. Here the BUSY line stays high for the full length of
the self-calibration. A self-calibration is initiated by bringing the
CAL pin low (which initiates an internal reset) and then high
again or by writing to the control register and setting the STCAL
bit to 1 (note that if the part is in a power-down mode, the
CAL
pulsewidth must take account of the power-up time). The BUSY line
is triggered high from the rising edge of
CAL (or the end of the
write to the control register if calibration is initiated in soft-
ware), and BUSY will go low when the full self-calibration is
complete after a time tCAL as shown in Figure 27.
t1 = 100ns MIN,
t15 = 2.5 tCLKIN MAX,
tCAL = 125013 tCLKIN
(I/P)
BUSY (O/P)
t1
t15
tCAL
Figure 27. Timing Diagram for Full Self-Calibration
For the self-(gain + offset), self-offset and self-gain calibrations,
the BUSY line will be triggered high by the rising edge of the
CAL signal (or the end of the write to the control register if
calibration is initiated in software) and will stay high for the full
duration of the self-calibration. The length of time that the
BUSY is high for will depend on the type of self-calibration that
is initiated. Typical figures are given in Table IX. The timing
diagrams for the other self-calibration options will be similar to
that outlined in Figure 27.
System Calibration Description
System calibration allows the user to take out system errors
external to the AD7853/AD7853L as well as calibrate the errors
of the AD7853/AD7853L itself. The maximum calibration
range for the system offset errors is
±5% of V
REF and for the
system gain errors is
±2.5% of V
REF. This means that the maxi-
mum allowable system offset voltage applied between the
AIN(+) and AIN(–) pins for the calibration to adjust out this
error is
±0.05 × V
REF (i.e., the AIN(+) can be 0.05 × VREF above
AIN(–) or 0.05
× V
REF below AIN(–)). For the system gain error
the maximum allowable system full-scale voltage, in unipolar
mode, that can be applied between AIN(+) and AIN(–) for the
calibration to adjust out this error is VREF
± 0.025 × V
REF (i.e.,
the AIN(+) can be VREF + 0.025
× V
REF above AIN(–) or VREF –
0.025
× V
REF above AIN(–)). If the system offset or system gain
errors are outside the ranges mentioned, the system calibration
algorithm will reduce the errors as much as the trim range allows.
Figures 33 through 35 illustrate why a specific type of system
calibration might be used. Figure 33 shows a system offset cali-
bration (assuming a positive offset) where the analog input
range has been shifted upwards by the system offset after the
system offset calibration is completed. A negative offset may
also be accounted for by a system offset calibration.
MAX SYSTEM FULL SCALE
IS
2.5% FROM VREF
ANALOG
INPUT
RANGE
VREF – 1LSB
SYS OFFSET
AGND
VREF + SYS OFFSET
MAX SYSTEM OFFSET
IS
5% OF VREF
ANALOG
INPUT
RANGE
VREF – 1LSB
SYS OFFSET
AGND
SYSTEM OFFSET
CALIBRATION
MAX SYSTEM OFFSET
IS
5% OF VREF
Figure 28. System Offset Calibration
Figure 29 shows a system gain calibration (assuming a system
full scale greater than the reference voltage) where the analog
input range has been increased after the system gain calibration
is completed. A system full-scale voltage less than the reference
voltage may also be accounted for a by a system gain calibration.
MAX SYSTEM FULL SCALE
IS
2.5% FROM VREF
ANALOG
INPUT
RANGE
VREF – 1LSB
AGND
SYS FULL S.
ANALOG
INPUT
RANGE
VREF – 1LSB
SYS FULL S.
AGND
SYSTEM GAIN
CALIBRATION
MAX SYSTEM FULL SCALE
IS
2.5% FROM VREF
Figure 29. System Gain Calibration
Finally in Figure 30 both the system offset and gain are ac-
counted for by the system offset followed by a system gain cali-
bration. First the analog input range is shifted upwards by the
positive system offset and then the analog input range is ad-
justed at the top end to account for the system full scale.
ANALOG
INPUT
RANGE
SYS F.S.
SYS OFFSET
VREF + SYS OFFSET
ANALOG
INPUT
RANGE
VREF – 1LSB
SYS F. S.
AGND
SYSTEM OFFSET
CALIBRATION
FOLLOWED BY
SYSTEM GAIN
CALIBRATION
MAX SYSTEM FULL SCALE
IS
2.5% FROM VREF
SYS OFFSET
MAX SYSTEM OFFSET
IS
5% OF VREF
MAX SYSTEM OFFSET
IS
5% OF VREF
AGND
VREF – 1LSB
MAX SYSTEM FULL SCALE
IS
2.5% FROM VREF
Figure 30. System (Gain + Offset) Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com