Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7864 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7864
Description  4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7864 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7864 Datasheet HTML 9Page - Analog Devices AD7864 Datasheet HTML 10Page - Analog Devices AD7864 Datasheet HTML 11Page - Analog Devices AD7864 Datasheet HTML 12Page - Analog Devices AD7864 Datasheet HTML 13Page - Analog Devices AD7864 Datasheet HTML 14Page - Analog Devices AD7864 Datasheet HTML 15Page - Analog Devices AD7864 Datasheet HTML 16Page - Analog Devices AD7864 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AD7864
–13–
REV. A
CONVST
BUSY
EOC
RD
1 2 3 4567 8 9 10 11 12 13 14 1 2 3 4 5 6 7 8 9 10 11 12 13 14 1 213 14
CLK
FRSTDATA
FIRST CONVERSION
COMPLETE
LAST CONVERSION
COMPLETE
Figure 9. Using an External Clock
Standby Mode Operation
The AD7864 has a Standby Mode whereby the device can be
placed in a low current consumption mode (5
µA typ). The
AD7864 is placed in standby by bringing the logic input
STBY
low. The AD7864 can be powered up again for normal opera-
tion by bringing
STBY logic high. The output data buffers are
still operational while the AD7864 is in standby. This means
the user can still continue to access the conversion results while
the AD7864 is in standby. This feature can be used to reduce
the average power consumption in a system using low through-
put rates. To reduce the average power consumption the AD7864
can be placed in standby at the end of each conversion sequence,
i.e., when BUSY goes low and taken out of standby again prior
the start of the next conversion sequence. The time it takes the
AD7864 to come out of standby is called the “wake up” time.
This wake-up time will limit the maximum throughput rate at
which the AD7864 can be operated when powering down be-
tween conversion sequences. The AD7864 will wake-up in
approximately 2
µs when using an external reference. The
“wake up” time is also 2
µs when the standby time is less than 1
millisecond while using the internal reference. Figure 11 shows
the wake-up time of the AD7864 for standby times greater than
1 millisecond. Note when the AD7864 is left in standby for
periods of time greater than 1 millisecond the part will require
more than 2
µs to wake up. For example after initial power up,
using the internal reference the AD7864 takes 6 ms to power
up. The maximum throughput rate that can be achieved when
powering down between conversions is 1/(tBUSY + 2
µs) = 100
kSPS, approximately. When operating the AD7864 in a
standby mode between conversions the power savings can be
significant. For example with a throughput rate of 10 kSPS the
AD7864 will be powered down (IDD = 5
µA) for 90 µs out of
every 100
µs. See Figure 10. Therefore the average power con-
sumption drops to (125/10) mW or 12.5 mW approximately.
STANDBY TIME – sec
1
0.9
0
0.0001
10
0.001
0.01
0.1
1
0.6
0.3
0.2
0.1
0.8
0.7
0.4
0.5
+105 C
+25 C
–40 C
Figure 11. Power-Up Time vs. Standby Time Using the
On-Chip Reference (Decoupled with 0.1
µF Capacitor)
Accessing the Output Data Registers
There are four Output Data Registers, one for each of the four
possible conversion results from a conversion sequence. The
result of the first conversion in a conversion sequence is placed
in Register 1 and the second result is placed in Register Number
2 and so on. For example if the conversion sequence VIN1,
VIN3 and VIN4 is selected (see Conversion Sequence Selec-
tion) then the results of the conversion on VIN1, VIN3 and
VIN4 are placed in Registers 1 to 3 respectively. The Output
Data register pointer is reset to point to Register 1 at the end of
the first conversion in the sequence, just prior to
EOC going
CONVST
BUSY
STBY
100 s
7 s
tBUSY
IDD = 20 A
tBUSY
2 s
t
WAKEUP
Figure 10. Power-Down Between Conversion Sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com