Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7853LBR Datasheet(PDF) 23 Page - Analog Devices

Part # AD7853LBR
Description  3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7853LBR Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7853LBR Datasheet HTML 19Page - Analog Devices AD7853LBR Datasheet HTML 20Page - Analog Devices AD7853LBR Datasheet HTML 21Page - Analog Devices AD7853LBR Datasheet HTML 22Page - Analog Devices AD7853LBR Datasheet HTML 23Page - Analog Devices AD7853LBR Datasheet HTML 24Page - Analog Devices AD7853LBR Datasheet HTML 25Page - Analog Devices AD7853LBR Datasheet HTML 26Page - Analog Devices AD7853LBR Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
REV. B
–23–
AD7853/AD7853L
SERIAL INTERFACE SUMMARY
Table IX details the five interface modes and the serial clock
edges from which the data is clocked out by the AD7853/
AD7853L (DOUT Edge) and that the data is latched in on
(DIN Edge). The logic level of the POLARITY pin is shown
and it is clear that this reverses the edges.
In Interface Modes 4 and 5 the
SYNC always clocks out the
first data bit and SCLK will clock out the subsequent bits.
In Interface Modes 1, 2, and 3 the
SYNC is gated with the
SCLK and the POLARITY pin. Thus the
SYNC may clock out
the MSB of data. Subsequent bits will be clocked out by the
serial clock, SCLK. The conditions for the
SYNC clocking out
the MSB of data is as follows:
With the POLARITY pin high the falling edge of
SYNC will clock
out the MSB if the serial clock is low when the
SYNC goes low.
With the POLARITY pin low the falling edge of
SYNC will clock
out the MSB if the serial clock is high when the
SYNC goes low.
Table IX. SCLK Active Edge for Different Interface Modes
Interface
POLARITY
DOUT
DIN
Mode
Pin
Edge
Edge
1, 2, 3
0
SCLK
↑
SCLK
↓
1
SCLK
↓
SCLK
↑
4, 5
0
SCLK
↓
SCLK
↑
1
SCLK
↑
SCLK
↓
Resetting the Serial Interface
When writing to the part via the DIN line there is the possibility
of writing data into the incorrect registers, such as the test regis-
ter for instance, or writing the incorrect data and corrupting the
serial interface. The
SYNC pin acts as a reset. Bringing the
SYNC pin high resets the internal shift register. The first data
bit after the next
SYNC falling edge will now be the first bit of a
new 16-bit transfer. It is also possible that the test register con-
tents were altered when the interface was lost. Therefore, once
the serial interface is reset, it may be necessary to write the 16-
bit word 0100 0000 0000 0010 to restore the test register to its
default value. Now the part and serial interface are completely
reset. It is always useful to retain the ability to program the
SYNC line from a port of the
µController/DSP to have the
ability to reset the serial interface.
Table X summarizes the interface modes provided by the
AD7853/AD7853L. It also outlines the various
µP/µC to which
the particular interface is suited.
The interface mode is determined by the serial mode selection
pins SM1 and SM2. Interface Mode 2 is the default mode. Note
that Interface Mode 1 and 2 have the same combination of SM1
and SM2. Interface Mode 1 may only be set by programming
the control register (see section on control register). External
SCLK and
SYNC signals (SYNC may be hardwired low) are
required for Interfaces Modes 1, 2, and 3. In Interface Modes 4
and 5, the AD7853/AD7853L generates the SCLK and
SYNC.
Some of the more popular
µProcessors, µControllers, and the
DSP machines that the AD7853/AD7853L will interface to
directly are mentioned here. This does not cover all
µCs, µPs
and DSPs. The interface mode of the AD7853/AD7853L that is
mentioned here for a specific
µC, µP, or DSP is only a guide
and in most cases another interface mode may work just as well.
A more detailed timing description on each of the interface
modes follows.
Table X. Interface Mode Description
SM1
SM2
Processor/
Interface
Pin
Pin
Controller
Mode
0
0
8XC51
1 (2-Wire)
8XL51
(DIN is an Input/
PIC17C42
Output pin)
0
0
68HC11
2 (3-Wire, SPI/QSPI)
68L11
(Default Mode)
0
1
68HC16
3 (QSPI)
PIC16C64
(External Serial
ADSP-21xx
Clock, SCLK, and
DSP56000
External Frame Sync,
DSP56001
SYNC, are required)
DSP56002
DSP56L002
TMS320C30
1
0
68HC16
4 (DSP is Slave)
(AD7853/AD7853L
generates a
noncontinuous
[16 clocks] Serial
Clock, SCLK, and the
Frame Sync,
SYNC)
1
1
ADSP-21xx
5 (DSP is Slave)
DSP56000
(AD7853/AD7853L
DSP56001
generates a
DSP56002
continuous Serial
DSP56L002
Clock, SCLK, and the
TMS320C20
Frame Sync,
SYNC)
TMS320C25
TMS320C30
TMS320C5x
TMS320LC5x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com