Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7853LBR Datasheet(PDF) 31 Page - Analog Devices

Part # AD7853LBR
Description  3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7853LBR Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7853LBR Datasheet HTML 26Page - Analog Devices AD7853LBR Datasheet HTML 27Page - Analog Devices AD7853LBR Datasheet HTML 28Page - Analog Devices AD7853LBR Datasheet HTML 29Page - Analog Devices AD7853LBR Datasheet HTML 30Page - Analog Devices AD7853LBR Datasheet HTML 31Page - Analog Devices AD7853LBR Datasheet HTML 32Page - Analog Devices AD7853LBR Datasheet HTML 33Page - Analog Devices AD7853LBR Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
REV. B
–31–
AD7853/AD7853L
68HC11/L11/16
SCK
SS
CONVST
CLKIN
SCLK
DOUT
BUSY
SM1
SM2
POLARITY
OPTIONAL
4MHz/1.8MHz
SYNC
MISO
DIN AT DGND FOR
NO WRITING TO PART
MASTER
SLAVE
DIN
DVDD
OPTIONAL
IRQ
MOSI
DGND FOR HC11, SPI
DVDD FOR HC16, QSPI
DVDD
SPI
HC16, QSPI
AD7853/AD7853L
Figure 46. 68HC11 and 68HC16 Interface
AD7853/AD7853L to ADSP-21xx Interface
Figure 47 shows the AD7853/AD7853L interface to the ADSP-
21xx. The ADSP-21xx is the slave and the AD7853/AD7853L
is the master. The AD7853/AD7853L is in Interface Mode 5.
For the ADSP-21xx, the bits in the serial port control register
should be set up as TFSR = RFSR = 1 (need a frame sync for
every transfer), SLEN = 15 (16-bit word length), TFSW =
RFSW = 1 (alternate framing mode for transmit and receive
operations), INVRFS = INVTFS = 1 (active low RFS and
TFS), IRFS = ITFS = 0 (External RFS and TFS), and ISCLK
= 0 (external serial clock). The CLKIN and
CONVST signals
could be supplied from the ADSP-21xx or from an external
source. The AD7853/AD7853L supplies the SCLK and the
SYNC signals to the ADSP-21xx and the reading and writing
takes place during conversion. The BUSY signal only indicates
when the conversion is finished and may not be required. The
data access and hold times of the ADSP-21xx and the AD7853/
AD7853L allows for a CLKIN of 4 MHz/1.8 MHz at both 5 V
and 3 V supplies.
ADSP-21xx
DR
SCK
AD7853/AD7853L
CONVST
CLKIN
SCLK
DOUT
BUSY
SM1
SM2
POLARITY
OPTIONAL
4MHz/1.8MHz
SYNC
RFS
DIN AT DGND FOR
NO WRITING TO PART
SLAVE
MASTER
OPTIONAL
DIN
DVDD
OPTIONAL
IRQ
DT
TFS
Figure 47. ADSP-21xx Interface
AD7853/AD7853L to DSP56000/1/2/L002 Interface
Figure 48 shows the AD7853/AD7853L to DSP56000/1/2/L002
interface. Here the DSP5600x is the master and the AD7853/
AD7853L is the slave. The AD7853/AD7853L is in Interface
Mode 3. The DSP56L002 is used when the AD7853/AD7853L
is being operated at 3 V. The setting of the bits in the registers
of the DSP5600x would be for synchronous operation (SYN =
1), internal frame sync (SCD2 = 1), Internal clock (SCKD =
1), 16-bit word length (WL1 = 1, WL0 = 0), frames sync only
active at beginning of the transfer (FSL1 = 0, FSL0 = 1). A
gated clock can be used (GCK = 1) or if the SCLK is to be tied
to the CLKIN of the AD7853/AD7853L, then there must be a
continuous clock (GCK = 0). Again the data access and hold
times of the DSP5600x and the AD7853/AD7853L should
allow for an SCLK of 4 MHz/1.8 MHz.
DSP
56000/1/2/L002
SRD
SCK
AD7853/AD7853L
CONVST
CLKIN
SCLK
DOUT
BUSY
SM1
SM2
POLARITY
OPTIONAL
4MHz/1.8MHz
SYNC
SC2
DIN AT DGND FOR
NO WRITING TO PART
MASTER
SLAVE
OPTIONAL
DIN
DVDD
OPTIONAL
IRQ
STD
Figure 48. DSP56000/1/2 Interface
AD7853/AD7853L to TMS320C20/25/5x/LC5x Interface
Figure 49 shows the AD7853/AD7853L to the TMS320Cxx
interface. The TMS320LC5x is used when the AD7853/AD7853L
is being operated at 3 V. The AD7853/AD7853L is the master
and operates in Interface Mode 5. For the TMS320Cxx the
CLKX, CLKR, FSX, and FSR pins should all be configured as
inputs. The CLKX and the CLKR should be connected to-
gether as should the FSX and FSR. Since the AD7853/AD7853L
is the master and the reading and writing occurs during the
conversion, the BUSY only indicates when the conversion is
finished and thus may not be required. Again the data access
and hold times of the TMS320Cxx and the AD7853/AD7853L
allows for a CLKIN of 4 MHz/1.8 MHz.
TMS320C20/
25/5x/LC5x
DR
CLKR
AD7853/AD7853L
CONVST
CLKIN
SCLK
DOUT
BUSY
SM1
SM2
POLARITY
OPTIONAL
4MHz/1.8MHz
SYNC
FSR
DIN AT DGND FOR
NO WRITING TO PART
SLAVE
MASTER
OPTIONAL
DIN
DVDD
OPTIONAL
INT0
DT
FSX
CLKX
Figure 49. TMS320C20/25/5x Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com