Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7870 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7870
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7870 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7870 Datasheet HTML 9Page - Analog Devices AD7870 Datasheet HTML 10Page - Analog Devices AD7870 Datasheet HTML 11Page - Analog Devices AD7870 Datasheet HTML 12Page - Analog Devices AD7870 Datasheet HTML 13Page - Analog Devices AD7870 Datasheet HTML 14Page - Analog Devices AD7870 Datasheet HTML 15Page - Analog Devices AD7870 Datasheet HTML 16Page - Analog Devices AD7870 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. B
2
AD7870/AD7875/AD7876
–13–
MICROPROCESSOR INTERFACE
The AD7870/AD7875/AD7876 has a wide variety of interfacing
options. It offers two operating modes and three data-output for-
mats. Fast data access times allow direct interfacing to most mi-
croprocessors including the DSP processors.
Parallel Read Interfacing
Figures 17 to 19 show interfaces to the ADSP-2100, TMS32010
and the TMS32020 DSP processors. The ADC is operating in
Mode 1, parallel read for all three interfaces. An external timer
controls conversion start asynchronously to the microprocessor.
At the end of each conversion the ADC
BUSY/INT interrupts
the microprocessor. The conversion result is read from the ADC
with the following instruction:
ADSP-2100: MR0 = DM(ADC)
TMS32010: IN D,ADC
TMS32020: IN D,ADC
MR0 = ADSP-2100 MR0 Register
D = Data Memory Address
ADC = AD7870/AD7875/AD7876 Address
Some applications may require that conversions be initiated by
the microprocessor rather than an external timer. One option is
to decode the
CONVST signal from the address bus so that a
write operation to the ADC starts a conversion. Data is read at
the end of conversion as described earlier. Note: a read operation
must not be attempted during conversion.
Figure 17. ADSP-2100 Parallel Interface
Figure 18. TMS32010 Parallel Interface
Figure 19. TMS32020 Parallel Interface
Two Byte Read Interfacing
68008 Interface
Figure 20 shows an 8-bit bus interface for the MC68008 micro-
processor. For this interface, the 12/
8/CLK input is tied to 0 V
and the DB11/HBEN pin is driven from the microprocessor
least significant address bit. Conversion start control is provided
by the microprocessor. In this interface example, a Move in-
struction from the ADC address both starts a conversion and
reads the conversion result.
MOVEW ADC,DO
ADC = AD7870/AD7875/AD7876 address
D0 = 68008 D0 register
This is a two byte read instruction. During the first read opera-
tion
BUSY, in conjunction with CS, forces the microprocessor
to WAIT for the ADC conversion. At the end of conversion the
ADC low byte (DB7–DB0) is loaded into D15–D8 of the D0
register and the ADC high byte (DB15–DB7) is loaded into
D7–D0 of the D0 register. The following Rotate instruction to
the D0 register swaps the high and low bytes to the correct
format.
R0L = 8, D0.
Note: while executing the two byte read instruction above,
WAIT states are inserted during the first read operation only
and not for the second.
Figure 20. MC68008 Byte Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com