Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7870 Datasheet (PDF) - Analog Devices

AD7870 Datasheet PDF - Analog Devices
Part # AD7870
Download  AD7870 Download
File Size   331.31 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs

AD7870 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7870 Datasheet PDF - Analog Devices

Part # AD7870
Download  AD7870 Click to download

File Size   331.31 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs

AD7870 Datasheet (HTML) - Analog Devices


AD7870 Product details

GENERAL DESCRIPTION

The AD7870/AD7875/AD7876 is a fast, complete, 12-bit A/D converter. It consists of a track/hold amplifier, 8 µs successive approximation ADC, 3 V buried Zener reference and versatile interface logic. The ADC features a self-contained internal clock which is laser trimmed to guarantee accurate control of conversion time. No external clock timing components are required; the on-chip clock may he overridden by an external clock if required.

The parts offer a choice of three data output formats: a single, parallel, 12-bit word; two 8-bit bytes or serial data. Fast bus access times and standard control inputs ensure easy interfacing to modern microprocessors and digital signal processors.



FEATURES

  Complete Monolithic 12-Bit ADC with:

     2 ms Track/Hold Amplifier

     8 ms A/D Converter

     On-Chip Reference

     Laser-Trimmed Clock

     Parallel, Byte and Serial Digital Interface

  72 dB SNR at 10 kHz Input Frequency (AD7870, AD7875)

  57 ns Data Access Time

  Low Power: –60 mW typ

  Variety of Input Ranges:

     ±63 V for AD7870

     0 V to ±5 V for AD7875

     ±610 V for AD7876



 




Similar Part No. - AD7870

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7870 AD-AD7870 Datasheet
621Kb / 28P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870A AD-AD7870A Datasheet
250Kb / 12P
LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV.0
AD7870AJN AD-AD7870AJN Datasheet
250Kb / 12P
LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV.0
AD7870AQ AD-AD7870AQ Datasheet
621Kb / 28P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870A AD-AD7870A_15 Datasheet
256Kb / 12P
LC MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
More results


Similar Description - AD7870

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7870A AD-AD7870A Datasheet
250Kb / 12P
LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV.0
AD7871 AD-AD7871 Datasheet
344Kb / 16P
LC2MOS Complete 14-Bit, Sampling ADCs
REV.D
AD7878 AD-AD7878 Datasheet
417Kb / 16P
LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV.A
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870 AD-AD7870_15 Datasheet
621Kb / 28P
LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7875 AD-AD7875_15 Datasheet
621Kb / 28P
LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7876 AD-AD7876_15 Datasheet
621Kb / 28P
LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com