Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7871 Datasheet (PDF) - Analog Devices

AD7871 Datasheet PDF - Analog Devices
Part # AD7871
Download  AD7871 Download
File Size   344.01 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Complete 14-Bit, Sampling ADCs

AD7871 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7871 Datasheet PDF - Analog Devices

Part # AD7871
Download  AD7871 Click to download

File Size   344.01 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Complete 14-Bit, Sampling ADCs

AD7871 Datasheet (HTML) - Analog Devices


AD7871 Product details

GENERAL DESCRIPTION
The AD7871 and AD7872 are fast, complete, 14-bit analog-todigital converters. They consist of a track/hold amplifier, successive-approximation ADC, 3 V buried Zener reference and versatile interface logic. The ADC features a self-contained, laser trimmed internal clock, so no external clock timing components are required. The on-chip clock may be overridden to synchronize ADC operation to the digital system for minimum noise.
   
FEATURES
    Complete Monolithic 14-Bit ADC
    2s Complement Coding
    Parallel, Byte and Serial Digital Interface
    80 dB SNR at 10 kHz Input Frequency
    57 ns Data Access Time
    Low Power—50 mW typ
    83 kSPS Throughput Rate
    16-Lead SOIC (AD7872)
   
APPLICATIONS
    Digital Signal Processing
    High Speed Modems
    Speech Recognition and Synthesis
    Spectrum Analysis
    DSP Servo Control
   




Similar Part No. - AD7871

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7871 AD-AD7871 Datasheet
267Kb / 16P
LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871JN AD-AD7871JN Datasheet
267Kb / 16P
LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871JP AD-AD7871JP Datasheet
267Kb / 16P
LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871KN AD-AD7871KN Datasheet
267Kb / 16P
LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871KP AD-AD7871KP Datasheet
267Kb / 16P
LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
More results


Similar Description - AD7871

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7870 AD-AD7870 Datasheet
331Kb / 20P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV.B
AD7870A AD-AD7870A Datasheet
250Kb / 12P
LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV.0
AD7884 AD-AD7884 Datasheet
319Kb / 16P
LC2MOS 16-Bit, High Speed Sampling ADCs
REV.C
AD7840 AD-AD7840 Datasheet
338Kb / 16P
LC2MOS Complete 14-Bit DAC
REV.B
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7871 AD-AD7871_15 Datasheet
324Kb / 16P
LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872 AD-AD7872_15 Datasheet
324Kb / 16P
LC MOS Complete 14-Bit, Sampling ADCs
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com