Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7871 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7871
Description  LC2MOS Complete 14-Bit, Sampling ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7871 Datasheet(HTML) 2 Page - Analog Devices

  AD7871 Datasheet HTML 1Page - Analog Devices AD7871 Datasheet HTML 2Page - Analog Devices AD7871 Datasheet HTML 3Page - Analog Devices AD7871 Datasheet HTML 4Page - Analog Devices AD7871 Datasheet HTML 5Page - Analog Devices AD7871 Datasheet HTML 6Page - Analog Devices AD7871 Datasheet HTML 7Page - Analog Devices AD7871 Datasheet HTML 8Page - Analog Devices AD7871 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. D
–2–
AD7871/AD7872–SPECIFICATIONS
(VDD = +5 V
5%, VSS = –5 V
5%, AGND = DGND =
O V, fCLK = 2 MHz external, fSAMPLE = 83 kHz unless otherwise
noted.) All Specifications TMIN to TMAX unless otherwise noted.
J, A
K
T, B
Parameter
Versions
1 Version1 Versions1 Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
2
Signal-to-Noise Ratio
3 (SNR) @ +25
°C
80
80
79
dB min
VIN = 10 kHz Sine Wave
TMIN to TMAX
80
80
79
dB min
SNR is Typically 82 dB for <VIN<41.5 kHz;
Total Harmonic Distortion (THD)
–86
–88
dB max
VIN = 10 kHz Sine Wave
–85
dB typ
Peak Harmonic or Spurious Noise
–86
–88
dB max
VIN = 10 kHz.
–85
dB typ
Intermodulation Distortion (IMD)
Second Order Terms
–86
–88
dB max
fa = 9 kHz, fb = 9.5 kHz, fSAMPLE = 50 kHz
–85
dB typ
Third Order Terms
–86
–88
dB max
fa = 9 kHz, fb = 9.5 kHz, fSAMPLE = 50 kHz
–85
dB typ
Track/Hold Acquisition Time
2
2
2
µs max
DC ACCURACY
Resolution
14
14
14
Bits
Minimum Resolution for Which
No Missing Codes Are Guaranteed
14
14
14
Bits
Integral Nonlinearity @ +25
°C
±1/2
±1/2
LSB typ
Integral Nonlinearity
±1
±1
LSB max
Bipolar Zero Error
±12
±12
±12
LSB max
Positive Gain Error
4
±12
±12
±12
LSB max
Negative Gain Error
4
±12
±12
±12
LSB max
ANALOG INPUT
Input Voltage Range
±3
±3
±3
Volts
Input Current
±500
±500
±500
µA max
REFERENCE OUTPUT
REF OUT @ +25
°C
2.99/3.01
2.99/3.01
2.99/3.01
V min/V max
TMIN to TMAX
2.98/3.02
2.98/3.02
2.98/3.02
V min/V max
REF OUT Tempco
±40
±40
ppm/
°C max
Typically 35 ppm
Reference Load Sensitivity
(
∆REF OUT/∆I)
±1.2
±1.2
±1.2
mV max
Reference Load Current Change (0
µA–300 µA);
Reference Load Should Not Be Changed During
Conversion
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
0.8
0.8
V max
VDD = 5 V ± 5%
Input Current, IIN
±10
±10
±10
µA max
VIN = 0 V to VDD
Input Current (14/
8/CLK Input Only)
±10
±10
±10
µA max
VIN = VSS to VDD
Input Capacitance, CIN
5
10
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
4.0
4.0
4.0
V min
ISOURCE = 40 µA
Output Low Voltage, VOL
0.4
0.4
0.4
V max
ISINK = 1.6 mA
DB13 – DB0
Floating-State Leakage Current
10
10
10
µA max
Floating-State Output Capacitance
5
15
15
15
pF max
CONVERSION TIME
External Clock
10
10
10
µs max
Internal Clock
10.5
10.5
11
µs max
The Internal Clock Has a Nominal Value of 2 MHz
POWER REQUIREMENTS
VDD
+5
+5
+5
V nom
±5% for Specified Performance
VSS
–5
–5
–5
V nom
±5% for Specified Performance
IDD
13
13
13
mA max
Typically 6 mA
ISS
6
6
6
mA max
Typically 4 mA
Power Dissipation
95
95
95
mW max
Typically 50 mW
NOTES
1Temperature ranges are as follows: J, K versions, 0
°C to +70°C; A, B versions, –40°C to +85°C; T version; –55°C to +125°C.
2V
IN = ± 3 V.
3SNR calculation includes distortion and noise components.
4Measured with respect to internal reference.
5Sample tested @ +25
°C to ensure compliance.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com