Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7878 Datasheet (PDF) - Analog Devices

AD7878 Datasheet PDF - Analog Devices
Part # AD7878
Download  AD7878 Download
File Size   417.52 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface

AD7878 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7878 Datasheet PDF - Analog Devices

Part # AD7878
Download  AD7878 Click to download

File Size   417.52 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface

AD7878 Datasheet (HTML) - Analog Devices


AD7878 Product details

GENERAL DESCRIPTION
The AD7878 is a fast, complete, 12-bit A/D converter with a versatile DSP interface consisting of an 8-word, first-in, first-out (FIFO) memory and associated control logic.
   
FEATURES
    Complete ADC with DSP Interface, Comprising:
        Track/Hold Amplifier with 2 μs Acquisition Time
        7 μs A/D Converter
        3 V Zener Reference
        8-Word FIFO and Interface Logic
    72 dB SNR at 10 kHz Input Frequency
    Interfaces to High Speed DSP Processors, e.g.,
        ADSP-2100, TMS32010, TMS32020
    41 ns max Data Access Time
    Low Power, 60 mW typ
   
APPLICATIONS
    Digital Signal Processing
    Speech Recognition and Synthesis
    Spectrum Analysis
    High Speed Modems
    DSP Servo Control
   




Similar Part No. - AD7878

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7878 AD-AD7878 Datasheet
450Kb / 17P
LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
23-Feb-2017
AD7878 AD-AD7878 Datasheet
313Kb / 2P
Asynchronous clock Interfacing
AD7878AQ AD-AD7878AQ Datasheet
450Kb / 17P
LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
23-Feb-2017
AD7878BQ AD-AD7878BQ Datasheet
450Kb / 17P
LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
23-Feb-2017
AD7878JN AD-AD7878JN Datasheet
450Kb / 17P
LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
23-Feb-2017
More results


Similar Description - AD7878

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7572 AD-AD7572 Datasheet
694Kb / 8P
LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC
AD7572A AD-AD7572A Datasheet
816Kb / 12P
LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC
AD7870 AD-AD7870 Datasheet
331Kb / 20P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV.B
AD7870A AD-AD7870A Datasheet
250Kb / 12P
LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV.0
AD7883 AD-AD7883 Datasheet
349Kb / 12P
LC2MOS 12-Bit, 3.3 V Sampling ADC
REV.0
AD7886 AD-AD7886 Datasheet
400Kb / 16P
LC2MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC
REV.B
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7572AANZ10 AD-AD7572AANZ10 Datasheet
819Kb / 12P
LC2MOS COMPLETE,HIGH SPEED 12-BIT ADC
REV. A
AD7870A AD-AD7870A_15 Datasheet
256Kb / 12P
LC MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com