Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7886 Datasheet (PDF) - Analog Devices

AD7886 Datasheet PDF - Analog Devices
Part # AD7886
Download  AD7886 Download
File Size   400.82 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC

AD7886 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7886 Datasheet PDF - Analog Devices

Part # AD7886
Download  AD7886 Click to download

File Size   400.82 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC

AD7886 Datasheet (HTML) - Analog Devices


AD7886 Product details

GENERAL DESCRIPTION
The AD7886 is a 12-bit ADC with a sample-and-hold amplifier offering high speed performance combined with low power dissipation. The AD7886 is a triple pass flash ADC that uses 15 comparators in a 4-bit flash technique to achieve 12-bit accuracy in 1 µs/750 ns conversion time. An on-chip clock oscillator provides the appropriate timing for each of the three conversion stages, eliminating the need for any external clocks. Acquisition time of the sample-and-hold amplifier gives a resulting throughput rate of 750 kHz/1 MHz.*

FEATURES
    750 kHz/1 MHz Throughput Rate
    1 μs/750 ns Conversion Time
    12-Bit No Missed Codes Over Temperature
    67 dB SNR at 100 kHz Input Frequency
    Low Power—250 mW typ
    Fast Bus Access Time—57 ns max

APPLICATIONS
    Digital Signal Processing
    Speech Recognition and Synthesis
    Spectrum Analysis
    DSP Servo Control




Similar Part No. - AD7886

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7886 AD-AD7886_15 Datasheet
403Kb / 16P
LC MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC
REV. B
More results


Similar Description - AD7886

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7870 AD-AD7870 Datasheet
331Kb / 20P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV.B
AD7870A AD-AD7870A Datasheet
250Kb / 12P
LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV.0
AD7878 AD-AD7878 Datasheet
417Kb / 16P
LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV.A
AD7883 AD-AD7883 Datasheet
349Kb / 12P
LC2MOS 12-Bit, 3.3 V Sampling ADC
REV.0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870A AD-AD7870A_15 Datasheet
256Kb / 12P
LC MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7886 AD-AD7886_15 Datasheet
403Kb / 16P
LC MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC
REV. B
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com