Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCK Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # SCK
Description  NTC Power Thermistors Inrush Current Limiters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SCK Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  SCK Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SCK Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SCK Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SCK Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION SCK Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PART NUMBERING SYSTEM
SCK
08
M
Meritek Series
Element Size (Diameter in m/m)
Zero power resistance at 25
oC(
Ω)
2~3 significant digits
Max steady state current at 25
oC(A)
Tolerance
CODE
L
M
+15%
+20%
Lead Type
CODE
Blank
Y
Straight
Kinked Y
Package
CODE
Blank
TR
Bulk
Tape & Reel
MERITEK
NTC Power Thermistors
SCK Series
10
3
UL E223037
FEATURES
High inrush current capacity
Small power loss in steady state
(Normally IW or less than 50W power.)
High thermal and electrical stability
Wide selection of electrical characteristics
Special coating material: available silicone
DIMENSIONS:
Unit: mm
Disc Ø
D max
L min
d
P
Tmax
05
6.5
29
0.8 ± 0.02
4 ± 0.6
5
08
9.5
25
0.8 ± 0.02
5 ± 0.8
5
10
11.5
25
0.8 ± 0.02
5 ± 0.8
5
13
14.5
25
0.8 ± 0.02
7.5 ± 1
6
15
16.5
25
1.0 ± 0.02
7.5 ± 1
6
20
21.5
24
1.0 ± 0.02
7.5 ± 1
6
25
29
25
1.0 ± 0.02
7.5 ± 1
7
30
36
23
1.0 ± 0.02
7.5 ± 1
8
Inrush Current Limiters
Specifications are subject to change without notice.
rev.6a


Similar Part No. - SCK

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
SCK THINKING-SCK Datasheet
692Kb / 22P
Power Thermistor for Limiting Inrush Current
SCK-013 THINKING-SCK-013 Datasheet
692Kb / 22P
Power Thermistor for Limiting Inrush Current
SCK-015 THINKING-SCK-015 Datasheet
692Kb / 22P
Power Thermistor for Limiting Inrush Current
SCK-018 THINKING-SCK-018 Datasheet
692Kb / 22P
Power Thermistor for Limiting Inrush Current
SCK-028 THINKING-SCK-028 Datasheet
692Kb / 22P
Power Thermistor for Limiting Inrush Current
More results

Similar Description - SCK

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57238 EPCOS-B57238 Datasheet
194Kb / 6P
Inrush current limiters
B57153S0479M000 EPCOS-B57153S0479M000_08 Datasheet
344Kb / 15P
NTC thermistors for inrush current limiting
B57364S0109M000 EPCOS-B57364S0109M000_09 Datasheet
342Kb / 15P
NTC thermistors for inrush current limiting
B5975X EPCOS-B5975X Datasheet
245Kb / 10P
PTC thermistors as inrush current limiters
B5910 EPCOS-B5910 Datasheet
237Kb / 10P
PTC thermistors as inrush current limiters
B57364S100M EPCOS-B57364S100M Datasheet
422Kb / 19P
NTC thermistors for inrush current limiting
B57153S479M EPCOS-B57153S479M Datasheet
314Kb / 14P
NTC thermistors for inrush current limiting
B57237S229M EPCOS-B57237S229M Datasheet
314Kb / 14P
NTC thermistors for inrush current limiting
B59412C1130B070 EPCOS-B59412C1130B070 Datasheet
284Kb / 11P
PTC thermistors as inrush current limiters
B57235S100M EPCOS-B57235S100M Datasheet
416Kb / 18P
NTC thermistors for inrush current limiting
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com