Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCK Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # SCK
Description  NTC Power Thermistors Inrush Current Limiters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SCK Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  SCK Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SCK Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SCK Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SCK Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION SCK Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPECIFICATIONS
SCK 05
Part No
Zero Power
Resistance
at 25
oC ( )
Max.Steady
State Current
at 25
oC ( A )
Residual
Resistance
at 25
oC ( m )
Max. Power
rating at 25
oC
(W)
Thermal
Dissipation
Constant
( mW/
oC )
Thermal
Time Constant
( Sec. )
Operating
Temperature
(
oC )
SCK05-052
5
2
429
SCK05-081
8
1
1089
SCK05101
10
1
1126
SCK05-121
12
1
1184
SCK05-20X3
20
0.3
5560
1.8
15
17
-40~+150
SCK 08
Part No
Zero Power
Resistance
at 25
oC ( )
Max.Steady
State Current
at 25
oC ( A )
Residual
Resistance
at 25
oC ( m )
Max. Power
rating at 25
oC
(W)
Thermal
Dissipation
Constant
( mW/
oC )
Thermal
Time Constant
( Sec. )
Operating
Temperature
(
oC )
SCK08-042
4
2
441
SCK08-04R72
4.7
2
445
SCK08-053
5
3
261
SCK08-063
6
3
283
SCK08-073
7
3
287
SCK08-082
8
2
520
SCK08-102
10
2
542
SCK08-152
15
2
548
SCK08-201
20
1
1544
SCK08-30X
30
0.5
4094
2.3
16
38
-40~+170
SCK 10
Part No
Zero Power
Resistance
at 25
oC ( )
Max.Steady
State Current
at 25
oC ( A )
Residual
Resistance
at 25
oC ( m )
Max. Power
rating at 25
oC
(W)
Thermal
Dissipation
Constant
( mW/
oC )
Thermal
Time Constant
( Sec. )
Operating
Temperature
(
oC )
SCK10-015
1
5
91
SCK10-1R35
1.3
5
101
SCK10-1R55
1.5
5
120
SCK10-2R55
2.5
5
120
SCK10-035
3
5
119
SCK10-044
4
4
161
SCK10-054
5
4
180
SCK10-6R83
6.8
4
180
SCK10-083
8
3
278
SCK10-103
10
3
297
SCK10-123
12
3
301
SCK10-133
13
3
356
SCK10-152X
15
2.5
442
SCK10-162X
16
2.5
442
SCK10-202
20
2
646
SCK10-222
22
2
646
SCK10-252
25
2
674
SCK10-302
30
2
700
SCK10-472
47
2
720
SCK10-502
50
2
813
SCK10-801
80
1
2236
SCK10-1001
100
1
2318
SCK10-1201
120
1
2406
2.4
17
43
-40~+170
MERITEK
NTC Power Thermistors
SCK Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com