Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7886 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7886
Description  LC2MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7886 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7886 Datasheet HTML 8Page - Analog Devices AD7886 Datasheet HTML 9Page - Analog Devices AD7886 Datasheet HTML 10Page - Analog Devices AD7886 Datasheet HTML 11Page - Analog Devices AD7886 Datasheet HTML 12Page - Analog Devices AD7886 Datasheet HTML 13Page - Analog Devices AD7886 Datasheet HTML 14Page - Analog Devices AD7886 Datasheet HTML 15Page - Analog Devices AD7886 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD7886
–13–
REV. B
POWER SUPPLY CONNECTIONS
The PC board requires two analog power supplies and one 5 V
digital supply. Connections to the analog supply are made di-
rectly to the PC board as shown on the silkscreen in Figure 24.
The connections are labeled V+ and V–, and the range for both
of these supplies is 12 V to 15 V. Connection to the 5 V digital
supply is made through either of the two connectors (SKT3 or
SKT4). The +5 V analog supplies required by the AD7886 are
generated from voltage regulators on the V– and V+ power
supplies.
LINK OPTIONS
There are five link options, labeled LK1 to LK5, which must be
set before using the board.
LK1 Input Range Select
The AD7886 can accommodate three possible analog input
ranges: 0 V to 5 V, 0 to 10 V and +5 V. The link options are as
follows:
0 V to 5 V
Use Link C
0 V to 10 V
Use Link B
±5 V
Use Link A
LK2 and LK3 Control Input Options
The evaluation board includes two latches to increase the data
access time when interfacing to the faster DSP machines. If
DB11
DB4
DB0
DB3
O/P
O/P
SUM
IN
OUT
GND
+V
78L05
IC5
CONVST
BUSY
CS
RD
GND
GND
CLK
CLK
D0
D7
D0
D1
D2
D3
Q7
Q0
74HC374
IC8
74HC374
IC9
D7
D4
Q7
Q0
VCC
VCC
SKT3
96-WAY
CONNECTOR
IN
OUT
GND
79L05
IC6
V
SS
–V
VIN1
LK5
CONVST
LK2
LK3
LK4
A31
DMD15
B11
DMD8
B18
EDMACK
ECE6 (OUT1)
OUT2
C22
B6
DMD7
DMD0
B20
B27
C11
EIRQ0
A9
C12
CS
RD
C14
C13
CONVST
DIGITAL
GND
A32/B32/
C32
V
SS
+
–
–V
V
OUT
+V
IN
GND
AD586
IC3
AD707
AGND
DGND
ANALOG
INPUT
AD845
–V
+V
–
+
C2
0.1
µF
C1
10
µF
C3
10
µF
C4
0.1
µF
C9/C17
10
µF
C10/C18
0.1
µF
+V
C6
0.1
µF
C5
10
µF
C15
10
µF
C16
0.1
µF
+V
C13
10
µF
C14
0.1
µF
C11
10
µF
C10
0.1
µF
C7
10
µF
C8
0.1
µF
C19
10
µF
C20
0.1
µF
C23
0.1
µF
IC1
AD7886
IC4
IC2
SKT2
SKT1
VIN2
A
B
C
LK1
V
DD
AGND
5V
+
5V
+
5V
+
5V
+
5V
+
V
DD
5REF
+
5V
–
VREF
Figure 23. Data Acquisition Circuit Using the AD7886
these latches are not required, they may be removed and the
data digital paths shorted out, i.e., latch inputs Dx shorted to
outputs Qx using wire links in the latch sockets. When using the
latches, the AD7886 control inputs,
CS and RD, must be tied
low via links 2 and 3. The latches are updated by the rising edge
of the
BUSY signal at the end of every conversion. Data is then
read by asserting the latch output enable signals. The alternative
is to remove the latches and assert the ADC’s control inputs
from either of the connectors, SKT3 or SKT4, as outlined in
the data sheet.
Latches Included
Latches Removed
Insert Link 2
Remove Link 2
Insert Link 3
Remove Link 3
LK4 Analog Input Option
LK4 connects the analog input to a component grid or to a
buffer amplifier that drives the ADC input.
LK5
Data format can be 16-bits parallel or two bytes for 8-bit pro-
cessors. There are two data enable controls for the 74HC374
latches, labeled
OUT1 and OUT2. OUT1 enables the 8 MSBs
(IC8), and
OUT2 enables the 4 LSBs (IC9). Link options are:
for 16-bit format, include LK5, for a two byte read format,
remove LK5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com